Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B2T1 Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST92185B2T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B2T1 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST92185B2T1 Datasheet HTML 120Page - STMicroelectronics ST92185B2T1 Datasheet HTML 121Page - STMicroelectronics ST92185B2T1 Datasheet HTML 122Page - STMicroelectronics ST92185B2T1 Datasheet HTML 123Page - STMicroelectronics ST92185B2T1 Datasheet HTML 124Page - STMicroelectronics ST92185B2T1 Datasheet HTML 125Page - STMicroelectronics ST92185B2T1 Datasheet HTML 126Page - STMicroelectronics ST92185B2T1 Datasheet HTML 127Page - STMicroelectronics ST92185B2T1 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 178 page
background image
124/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
NATIONAL CHARACTER SET REGISTER
(NCSR)
R245 - Read/Write
Register Page: 32
Reset Value: 0000 0000 (00h)
The register bit values are sampled and then acti-
vated only at each field start (on Vsync pulse).
Bit 7 = TSLE:
Translucency/Half-Tone Output En-
able bit.
0: Translucency/Half-Tone signal disabled
1: Translucency/Half-Tone is enabled. Translu-
cency or Half-Tone realtime control signal is
routed in the TSLU/HT pin (depending on the
HTC bit in the FSCCR register).
Note: Translucent display depends also on the
BE, TIO and MM bits, see Table 11.
Bit 6 = Reserved.
Bit 5 = SWE:
G0 Switch Enable Control Bit.
In case of a multiple G0 alphabet configuration
(NCM=1), this bit allows to switch from a first to a
second predefined G0 alphabet, using a single se-
rial attribute (1Bh). In case of a single G0 alphabet
configuration (NCM=0), the SWE bit will have no
effect.
If SWE is reset, the used G0 alphabet is pointed
through NC[1:0].
If SWE is set, the used G0 alphabet is pointed
through NC[3:2] and NC[1:0] toggled by 1Bh serial
attribute.
Bit 4 = NCM:
National Character Mode control bit.
This bit reconfigures a part of the font set as defin-
ing:
– either a single G0 alphabet with up to 15 national
sub-sets,
– or 3 different G0 alphabets.
If NCM is reset, a single G0 alphabet configuration
is activated and the 15 national sub-sets are se-
lected through the NC[3:0] bits.
If NCM is set, a triple G0 alphabet configuration is
activated, the selection of the G0 set used for the
display is done through either NC[3:2] or NC[1:0]
bits, depending upon the SWE control bit and the
serial attribute 1Bh values.
Bit 3:0 = NC[3:0]:
National Character Set Selec-
tion.
If the NCM bit is reset, these bits define which na-
tional sub-set has to be used to complete the basic
currently used G0 alphabet set.
If the NCM is set, these bits define which G0 is
used.
Figure 81. National Characters Selection
70
TSLE
0
SWE
NCM
NC3
NC2
NC1
NC0
NCM
SWE
NC[3:0]
G0-0
G0-1
G0-2
G0-0
G0-1
G0-2
G0-0
G0-1
G0-2
SERIAL ATTR. 1Bh
NC[1:0]
NC[3:2]
NC[1:0]
TOGGLE
NS0
NS1
NS14
15 NATIONAL
CHAR. SETS
3 G0 SETS
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com