Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B2T1 Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST92185B2T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B2T1 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST92185B2T1 Datasheet HTML 125Page - STMicroelectronics ST92185B2T1 Datasheet HTML 126Page - STMicroelectronics ST92185B2T1 Datasheet HTML 127Page - STMicroelectronics ST92185B2T1 Datasheet HTML 128Page - STMicroelectronics ST92185B2T1 Datasheet HTML 129Page - STMicroelectronics ST92185B2T1 Datasheet HTML 130Page - STMicroelectronics ST92185B2T1 Datasheet HTML 131Page - STMicroelectronics ST92185B2T1 Datasheet HTML 132Page - STMicroelectronics ST92185B2T1 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 178 page
background image
129/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
DISPLAY
CONTROL
MODE
0
REGISTER
(DCM0R)
R250 - Read/Write
Register Page: 32
Reset Value: 0000 0000 (00h)
Bit 7 = DE:
Display Enable control bit.
If DE is reset, no display will be performed. If DE is
set, a display will be done as defined through the
various control bits.
Bit 6 = STE:
Semi-Transparent Enable bit.
This bit is active only in Single page display mode.
While the Display is disabled, the horizontal and
vertical sequencers are forced in their reset state
and the RGB & FB DACs are not off (still present-
ing on-chip resistors to Ground).
Note: This mode shows a visible grid on the
screen.
Bit 5 = FRE:
Fringe Enable control bit.
If this bit is set, and the SWE bit is reset (refer to
the National Character Set Register description)
the serial attribute 1Bh has a fringe toggle func-
tion.
Bit 4 = CE:
Conceal Enable control bit.
0: Reveal any text defined as concealed by serial
attributes (Default)
1: Conceal any text defined as concealed by serial
attributes
Bit 3 = GFR:
Global Fringe Enable control bit.
If this bit is set, the whole display is in fringe mode
(except if a Double page display mode is pro-
grammed).
Bit 2 = GRE:
Global Rounding Enable control bit.
If this bit is set, the whole display is in rounding
mode (except if a Double page display mode is
programmed).
Bit 1 = SF:
Screen Format control bit.
0: Configures the Display for 4/3 TV screen format.
1: A fixed offset of 128 Pixel clock periods is added
before any character is displayed; the Full
Screen Color attribute is used while the offset is
running.
The SF bit intended for displaying on 16/9 TV
screen format tubes, the display picture will be re-
centered.
Bit 0 = S/D:
Single or Double page control bit.
0: A single page is displayed on screen (i.e. 40-
character width).
1: A set of two pages is displayed contiguously
(i.e. 80-character width).
Note: In 80 characters per row and in full page
mode, line 25 of each field is displayed as a
transparant line (as this line is not in the visible
part of the screen, this should not present a limita-
tion).
Programming a Double page display will automat-
ically mask the Fringe, Rounding and Parallel
Mode control bits. Their register values are not
changed and they will automatically recover their
initial effect if the display is switched back in a Sin-
gle page mode.
70
DE
STE
FRE
CE
GFR
GRE
SF
S/D
FRE
SWE
1Bh Serial attribute acts as:
0
0
No Action
0
1
G0 Toggle
1
0
Fringe Toggle
1
1
G0 Toggle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com