Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B2T1 Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST92185B2T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B2T1 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST92185B2T1 Datasheet HTML 142Page - STMicroelectronics ST92185B2T1 Datasheet HTML 143Page - STMicroelectronics ST92185B2T1 Datasheet HTML 144Page - STMicroelectronics ST92185B2T1 Datasheet HTML 145Page - STMicroelectronics ST92185B2T1 Datasheet HTML 146Page - STMicroelectronics ST92185B2T1 Datasheet HTML 147Page - STMicroelectronics ST92185B2T1 Datasheet HTML 148Page - STMicroelectronics ST92185B2T1 Datasheet HTML 149Page - STMicroelectronics ST92185B2T1 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 178 page
background image
146/178
ST92185B - SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL PERIPHERAL INTERFACE (Cont’d)
Table 28. Typical I2C-bus Sequences
Figure 90. SPI Data and Clock Timing (for I2C protocol)
n
Phase
Software
Hardware
Notes
INITIALIZE
SPICR.CPOL, CPHA = 0, 0
SPICR.SPEN = 0
SPICR.BMS = 1
SCK pin set as AF output
SDI pin set as input
Set SDO port bit to 1
SCK, SDO in HI-Z
SCL, SDA = 1, 1
Set polarity and phase
SPI disable
START/STOP interrupt
Enable
START
SDO pin set as output
Open Drain
Set SDO port bit to 0
SDA = 0, SCL = 1
interrupt request
START condition
receiver START detection
TRANSMISSION
SPICR.SPEN = 1
SDO pin as Alternate Func-
tion output load data into
SPIDR
SCL = 0
Start transmission
Interrupt request at end of
byte transmission
Managed by interrupt rou-
tine load FFh when receiv-
ing end of transmission
detection
ACKNOWLEDGE
SPICR.SPEN = 0
Poll SDA line
Set SDA line
SPICR.SPEN = 1
SCK, SDO in HI-Z
SCL, SDA = 1
SCL = 0
SPI disable
only if transmitting
only if receiving
only if transmitting
STOP
SDO pin set as output
Open Drain
SPICR.SPEN = 0
Set SDO port bit to 1
SDA = 1
interrupt request
STOP condition
SDA
SCL
START
CONDITION
12
8
9
1st BYTE
AcK
CLOCK PULSE
FOR ACKNOWLEDGEMENT
DRIVEN BY SOFTWARE
12
8
9
DRIVEN BY SW
FOR ACKNOWLEDGEMENT
CLOCK PULSE
CONDITION
STOP
AcK
n BYTE
th
VR000188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com