Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9555 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV9555
Description  9.5 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9555 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV9555 Datasheet HTML 9Page - STMicroelectronics STV9555 Datasheet HTML 10Page - STMicroelectronics STV9555 Datasheet HTML 11Page - STMicroelectronics STV9555 Datasheet HTML 12Page - STMicroelectronics STV9555 Datasheet HTML 13Page - STMicroelectronics STV9555 Datasheet HTML 14Page - STMicroelectronics STV9555 Datasheet HTML 15Page - STMicroelectronics STV9555 Datasheet HTML 16Page - STMicroelectronics STV9555 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
STV9555
13/24
Figure 16. Arcing protection network (one channel)
10.3
Arcing protection: layout and decoupling
Several layout precautions have to be considered to get the optimum arcing protection:
Sparkgap grounding: when an arc occurs, the energy must flow through the CRT ground without
reaching the amplifier. This is obtained by connecting the sparkgap grounding (point B) to the CRT
ground (socket) via a wide/short trace. Conversely the point B must be connected to the amplifier
ground via a longer/narrower trace.
Grounding separation: In order to set apart the amplifer ground and CRT ground, the R29/C29 net-
work (Figure 16) can be used.
Amplifier grounding: The 3 grounds GNDS, GNDA and GNDP must be connected together as
close as possible to the device.
R11
R29(***)
110
Ω/0.5W
C18
100nF
C24
4.7
µF/150V
C12(*)
100nF/250V
R19(**)
R10
110
Ω/0.5W
L1
0.33
µH
D12
FDH400
F1
STV9555
VDD
OUT
Spark gap
(*): To be connected as close as possible to the device
(**): R19 must be mandatorily used
(***): Ground separation network
33-40
Ω
200V
C29(***)
0.22
µF
1-10
Ω
CRT
GNDP
GNDS
GNDA
D13
FDH400
VDD
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com