Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9555 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV9555
Description  9.5 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9555 Datasheet(HTML) 4 Page - STMicroelectronics

  STV9555 Datasheet HTML 1Page - STMicroelectronics STV9555 Datasheet HTML 2Page - STMicroelectronics STV9555 Datasheet HTML 3Page - STMicroelectronics STV9555 Datasheet HTML 4Page - STMicroelectronics STV9555 Datasheet HTML 5Page - STMicroelectronics STV9555 Datasheet HTML 6Page - STMicroelectronics STV9555 Datasheet HTML 7Page - STMicroelectronics STV9555 Datasheet HTML 8Page - STMicroelectronics STV9555 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
STV9555
4/24
3
ABSOLUTE MAXIMUM RATINGS
4
THERMAL DATA
Symbol
Parameter
Value
Unit
VDD
High supply voltage
120
V
VCC
Low supply voltage
16.5
V
VESD
ESD susceptibility
Human Body Model (100pF discharged through 1.5K
Ω)
EIAJ norm (200pF discharged through 0
Ω)
2
300
kV
V
IOD
Output source current (pulsed < 50
µs)
80
mA
IOG
Output sink current (pulsed < 50
µs)
80
mA
VIN Max
Maximum Input Voltage
VCC + 0.3
V
VIN Min
Minimum Input Voltage
- 0.5
V
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-20 + 150
°C
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction-Case Thermal Resistance (Max.)
3
°C/W
Rth (j-a)
Junction-Ambient Thermal Resistance (Typ.)
35
°C/W
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com