Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B3BN1 Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST92185B3BN1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3BN1 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST92185B3BN1 Datasheet HTML 91Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 92Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 93Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 94Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 95Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 96Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 97Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 98Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 178 page
background image
95/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
Table 16. Global Attributes (Cont’d)
Global Attributes
Description
Control
Register
Box Control ModeText In/
Out
Text In/ Text Out Box configurable with 3 bits. Refer to FSCCR register de-
scription for details.
FSCCR
R243 (F3h)
Page 32
Vertical Adjustment
Refer to the register description for bit settings. Active on the whole page,
this setting adjusts the vertical delay between the rising edge of Vsync and
the beginning of the display area. The display color in this delay adjustment
area is defined by the Full Screen color.
VPOSR
R242 (F2h)
Page 32
Horizontal Adjustment
Refer to the register description for bit settings. Active on the whole page,
this adjustment is the horizontal delay between the rising edge of Hsync
and the beginning of the display area. The display in this delay area is the
full row color.
Two kinds of horizontal adjustment are available. When the tube is in a 4/3
format, only a horizontal delay is necessary before starting the active dis-
play area. When the tube is in 16/9 format, an additional horizontal adjust-
ment is necessary to keep the display area centered on the screen.
HPOSR
R241 (F1h)
Page 32
National Character Subset
Selection
Refer to the register description for bit settings. Chooses which national font
sub-set is to be used with the G0 character set.
NCSR R245
(F5h) Page
32
Single G0 or Triple G0 mode
selection
0 = Single G0 character set mode (default)
1 = Triple G0 character set mode
In applications with multiple alphabets in the same display, it is possible to
switch from one character set to another on the fly (see serial attributes).
NCSR
Global Double Height
Active on the whole page with header, but not on the status rows. When
Global Double Height is active, either the top half or the bottom half of the
screen is visible.
SCLR
R248 (F8h)
and SCHR
R249 (F9h)
Page 32
Background default color
This color is displayed as background color if no serial or parallel attributes
are defined for the displayed row.
DCR R240
(F0h) Page
33
Foreground default color
This color is displayed as foreground color if no serial or parallel attributes
are defined for the displayed row. These default colors are selected at each
beginning of a line and are defined by means of the corresponding register.
DCR
Full screen color
Color displayed outside of the vertical display area.
FSCCR
R243 (F3h)
Page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com