Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B3BN1 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST92185B3BN1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3BN1 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST92185B3BN1 Datasheet HTML 10Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 11Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 12Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 13Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 14Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 15Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 16Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 17Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 178 page
background image
14/178
ST92185B - GENERAL DESCRIPTION
PIN DESCRIPTION (Cont’d)
P0[7:0], P2[5:0], P3[7:4], P4[7:0], P5[1:0]
I/O Port Lines (Input/Output, TTL or CMOS com-
patible).
28 lines grouped into I/O ports, bit programmable
as general purpose I/O or as Alternate functions
(see I/O section).
Important: Note that open-drain outputs are for
logic levels only and are not true open drain.
1.2.1 I/O Port Alternate Functions.
Each pin of the I/O ports of the ST92185B may as-
sume software programmable Alternate Functions
(see Table 1).
Table 1. ST92185B I/O Port Alternate Function Summary
Port
Name
General
Purpose I/O
Pin No.
Alternate Functions
SDIP42
SDIP56
P0.0
All ports useable
for general pur-
pose I/O (input,
output or bidi-
rectional)
10
10
I/O
P0.1
9
9
I/O
P0.2
8
8
AIN4
I
A/D Analog Data Input 4
P0.3
7
7
I/O
P0.4
6
6
I/O
P0.5
5
5
I/O
P0.6
4
4
I/O
P0.7
3
3
I/O
P2.0
1
1
INT7
I
External Interrupt 7
P2.1
42
56
AIN1
I
A/D Analog Data Input 1
INT5
I
External Interrupt 5
P2.2
41
55
INT0
I
External Interrupt 0
AIN2
I
A/D Analog Data Input 2
P2.3
40
54
INT6
I
External Interrupt 6
VSO1
O
Voltage Synthesis Output 1
P2.4
39
53
NMI
I
Non Maskable Interrupt Input
P2.5
38
52
AIN3
I
A/D Analog Data Input 3
INT4
I
External Interrupt 4
VSO2
O
Voltage Synthesis Output 2
P3.4
14
14
I/O
P3.5
13
13
I/O
P3.6
12
12
I/O
P3.7
11
11
RESET0
O
Internal Reset Output
CSO
O
Composite Sync output
P4.0
28
42
PWM0
O
PWM Output 0
P4.1
29
43
PWM1
O
PWM Output 1
P4.2
30
44
PWM2
O
PWM Output 2
P4.3
31
45
PWM3
O
PWM Output 3
TSLU
O
Translucency Digital Output
HT
O
Half-tone Output
P4.4
32
46
PWM4
O
PWM Output 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com