Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B3BN1 Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST92185B3BN1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3BN1 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST92185B3BN1 Datasheet HTML 118Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 119Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 120Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 121Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 122Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 123Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 124Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 125Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 178 page
background image
122/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
FULL SCREEN COLOR CONTROL REGISTER
(FSCCR)
R243 - Read/Write
Register Page: 32
Reset Value: 0000 0000 (00h)
Bit 7 = BE: Box Enable, see Table 11.
Bit 6 = TIO: Text out/not in, see Table 11.
Bit 5 = MM: Mixed Mode, see Table 11.
Note: When Flash and Box attributes are decoded
at the same time on the characters of a header
(when BE=1, MM=1, TIO=1) the full screen over
the characters is displayed as transparant.
Bit 4 = HTC:
Half-Tone/Translucency Control Bit
This bit allows the selection of TSLU or HT as al-
ternate function output.
0: TSLU is selected as I/O pin alternate function
1: HT is selected as I/O pin alternate function
Bit 3:0 = FSC[3:0]:
Full Screen Color control bits:
FSC[3:0]= (Half-intensity, R, G, B)
Table of Color Values (hex)
Table 25. Box Mode/Translucency Configurations
70
BE
TIO
MM
HTC
FSC3
FSC2
FSC1
FSC0
0 Black
8 Black
1 Blue
9 Dark blue
2 Green
A Dark green
3 Cyan
B Dark cyan
4 Red
C Dark red
5 Magenta
D Dark magenta
6 Yellow
E Dark yellow
7 White
F Grey
BE
TIO
MM
If Translucency is not used
If Translucency is used
0
x
0
Solid Background for all the display
Translucent Background for all the display
0
x
1
Transparent Background for all the display
Transparent Background for all the display
1
0
0
Text inside box solid, Text outside box blanked
Text inside box translucent, Text outside box
blanked
10
1
Text inside box with solid background Text out-
side box with transparent background
Text inside box with translucent background Text
outside box with transparent background
11
0
Text inside box not displayed, transparent back-
ground. Text outside box with solid background
Text inside box not displayed, transparent back-
ground. Text outside box with translucent back-
ground
11
1
Text inside box with transparent background.
Text outside box with solid background
Text inside box with transparent background. Text
outside box with translucent background



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com