Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B3BN1 Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST92185B3BN1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3BN1 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST92185B3BN1 Datasheet HTML 134Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 135Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 136Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 137Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 138Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 139Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 140Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 141Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 178 page
background image
138/178
ST92185B - SYNC CONTROLLER
SYNC CONTROLLER (Cont’d)
7.5.4.2 Composite Sync Input Mode
This mode is very similar to the “Standard Sync In-
put Mode” described above. It is also accessed
when both MOD1 and MOD0 bits are reset.
In Composite Sync mode, a single CSYNC/
HSYNC input pin is used to enter both the horizon-
tal and vertical sync pulses (VSEP control bit is set
to 1). In this mode, the VSYNC pin must be tied to
VSS on the application board to prevent a floating
CMOS input configuration.
The CSYNC signal characteristics are assumed to
perfectly respect the STV2160 TXTOUT pin spec-
ification which is reviewed in Figure 84 & Figure
85.
The vertical sync signal is extracted from the
CSYNC signal by the mean of an Up/Down coun-
ter used as a digital integrator. The counter works
in “Up” mode during the sync pulses.
Two time constants can be programmed using the
VDLY control bit (refer to the register description).
The smallest one corresponds to 16µs; the second
one being 32µs.
Figure 84. STV2160 TXTOUT Timings
n
1st TV Field
2nd TV Field
TXTOUT
TXTOUT
623
624
625
12
34
5
6
311
312
313
314
315
316
317
318
319
8µs
8µs
58µs
38µs 8µs
8µs
8µs
58µs
6µs
8µs
VR02092B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com