Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM133 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM133
Description  3-Ampere Adjustable Negative Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM133 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM133 Datasheet HTML 1Page - National Semiconductor (TI) LM133 Datasheet HTML 2Page - National Semiconductor (TI) LM133 Datasheet HTML 3Page - National Semiconductor (TI) LM133 Datasheet HTML 4Page - National Semiconductor (TI) LM133 Datasheet HTML 5Page - National Semiconductor (TI) LM133 Datasheet HTML 6Page - National Semiconductor (TI) LM133 Datasheet HTML 7Page - National Semiconductor (TI) LM133 Datasheet HTML 8Page - National Semiconductor (TI) LM133 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM133/LM333
3-Ampere Adjustable Negative Regulators
General Description
The LM133/LM333 are adjustable 3-terminal negative volt-
age regulators capable of supplying in excess of −3.0A over
an output voltage range of −1.2V to −32V. These regulators
are exceptionally easy to apply, requiring only 2 external re-
sistors to set the output voltage and 1 output capacitor for
frequency compensation. The circuit design has been opti-
mized for excellent regulation and low thermal transients.
Further, the LM133 series features internal current limiting,
thermal shutdown and safe-area compensation, making
them substantially immune to failure from overloads.
The LM133/LM333 serve a wide variety of applications in-
cluding local on-card regulation, programmable-output volt-
age regulation or precision current regulation. The LM133/
LM333 are ideal complements to the LM150/LM350
adjustable positive regulators.
Features
n Output voltage adjustable from −1.2V to −32V
n 3.0A output current guaranteed, −55˚C to +150˚C
n Line regulation typically 0.01%/V
n Load regulation typically 0.2%
n Excellent rejection of thermal transients
n 50 ppm/˚C temperature coefficient
n Temperature-independent current limit
n Internal thermal overload protection
n P
+ Product Enhancement tested
n Standard 3-lead transistor package
n Output is short circuit protected
Connection Diagrams
TO-3
Metal Can Package
DS009065-1
Bottom View
Steel TO-3 Metal Can Package (K STEEL)
Order Number LM133K STEEL or
LM333K STEEL
See NS Package Number K02A
TO-220
Plastic Package
DS009065-2
Front View
3-Lead TO-220 Plastic Package (T)
Order Number LM333T
See NS Package Number T03B
May 1998
© 1999 National Semiconductor Corporation
DS009065
www.national.com


Similar Part No. - LM133

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM133-155.52M CONNOR-WINFIELD-LM133-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Sharp Corporation
LM133SS1T60 SHARP-LM133SS1T60 Datasheet
18Kb / 1P
Color STN-LCD Module(Notebook PC)
More results

Similar Description - LM133

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
3-Terminal Adjustable Negative Regulators
LM333 NSC-LM333 Datasheet
247Kb / 8P
3-Ampere Adjustable Negative Regulator
logo
Texas Instruments
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com