Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM133 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM133
Description  3-Ampere Adjustable Negative Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM133 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM133 Datasheet HTML 1Page - National Semiconductor (TI) LM133 Datasheet HTML 2Page - National Semiconductor (TI) LM133 Datasheet HTML 3Page - National Semiconductor (TI) LM133 Datasheet HTML 4Page - National Semiconductor (TI) LM133 Datasheet HTML 5Page - National Semiconductor (TI) LM133 Datasheet HTML 6Page - National Semiconductor (TI) LM133 Datasheet HTML 7Page - National Semiconductor (TI) LM133 Datasheet HTML 8Page - National Semiconductor (TI) LM133 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Dissipation
Internally Limited
Input-Output Voltage Differential
35V
Operating Junction Temperature Range
LM133
LM333
T
MIN to TMAX
−55˚C to +150˚C
−40˚C to +125˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
TO-3 Package
300˚C
TO-220 Package
260˚C
ESD Susceptibility
TBD
Electrical Characteristics LM133
Specifications with standard typeface are for T
J = 25˚C, and those with boldface type apply over the full operating temperature
range. (Note 3)
Parameter
Conditions
Typical
Min
Max
Units
(Note 2)
(Note 2)
Reference Voltage
I
L = 10 mA
−1.250
−1.238
−1.262
V
3V
≤ |V
IN −VOUT| ≤ 35V
−1.250
−1.225
−1.275
V
10 mA
≤ I
L ≤ 3A, P ≤ PMAX
Line Regulation
3V
≤ |V
IN −VOUT| ≤ 35V
0.01
0.02
% /V
I
OUT = 50 mA (Note 4)
0.02
0.05
Load Regulation
10 mA
≤ I
OUT ≤ 3A, P ≤ PMAX
0.2
0.5
%
(Notes 4, 5)
0.4
1.0
Thermal Regulation
10 ms Pulse
0.002
0.01
% /W
Temperature Stability
T
MIN ≤ TJ ≤ TMAX
0.4
%
Long Term Stability
T
J = 125˚C, 1000 Hours
0.15
%
Adjust Pin Current
65
90
µA
70
100
Adjust Pin Current
10 mA
≤ I
L ≤ 3A
2
6
µA
Change
3.0V
≤ |V
IN −VOUT| ≤ 35V
Minimum Load
|V
IN −VOUT| ≤ 35V
2.5
5.0
mA
Current
|V
IN −VOUT| ≤ 10V
1.2
2.5
Current Limit
3V
≤ |V
IN −VOUT| ≤ 10V
3.9
3.0
(Note 5)
|V
IN −VOUT| = 20V
2.4
1.25
A
|V
IN −VOUT| = 30V
0.4
0.3
Output Noise
10 Hz to 10 kHz
0.003
% (rms)
(% of V
OUT)
Ripple Rejection
V
OUT = 10V, f = 120 Hz
dB
C
ADJ =
0µF
60
C
ADJ = 10 µF
77
Thermal Resistance
TO-3 Package (K STEEL)
1.2
1.8
˚C/W
Junction-to-Case
Thermal Shutdown
163
150
190
˚C
Temperature
Electrical Characteristics LM333
Specifications with standard typeface are for T
J = 25˚C, and those with boldface type apply over the full operating temperature
range. (Note 3)
Parameter
Conditions
Typical
Min
Max
Units
(Note 2)
(Note 2)
Reference Voltage
I
L = 10 mA
−1.250
−1.225
−1.275
V
3V
≤ |V
IN −VOUT| ≤ 35V
−1.250
−1.213
−1.287
10 mA
≤ I
L ≤ 3A, P ≤ PMAX
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com