Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY58012U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY58012U
Description  5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58012U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY58012U Datasheet HTML 1Page - Micrel Semiconductor SY58012U Datasheet HTML 2Page - Micrel Semiconductor SY58012U Datasheet HTML 3Page - Micrel Semiconductor SY58012U Datasheet HTML 4Page - Micrel Semiconductor SY58012U Datasheet HTML 5Page - Micrel Semiconductor SY58012U Datasheet HTML 6Page - Micrel Semiconductor SY58012U Datasheet HTML 7Page - Micrel Semiconductor SY58012U Datasheet HTML 8Page - Micrel Semiconductor SY58012U Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Precision Edge™
SY58012U
Micrel
Absolute Maximum Ratings(Note 1)
Power Supply Voltage (V
CC ) ...................... –0.5V to +4.0V
Input Voltage (V
IN) ......................................... –0.5V to VCC
LVPECL Output Current (I
OUT)
Continuous ............................................................. 50mA
Surge .................................................................... 100mA
Source or sink current on VT pin
VT Current .......................................................... ±100mA
Source or sink current on IN, /IN
Input Current ........................................................
±50mA
Source or sink current on V
REF-AC, Note 4
VREF Current ....................................................... ±1.5mA
Soldering, (10 seconds) ............................................ 270
°C
Storage Temperature Range (T
STORE ) ... –65°C to +150°C
Operating Ratings(Note 2)
Power Supply Voltage (V
CC) ..................... 2.375V to 3.60V
Operating Temperature Range (T
A) ........... –40°C to +85°C
Package Thermal Resistance, Note 3
MLF™ (
θ
JA)
Still-Air ............................................................. 60
°C/W
500 lpfm ........................................................... 54
°C/W
MLF™ (
ψ
JB) ........................................................ 33°C/W
INPUT DC ELECTRICAL CHARACTERISTICS(Note 5)
V
CC = 3.3V ±10% or 2.5 ±5%; RL= 50Ω to VCC–2V; TA= –40°C to 85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
Q0, /Q0, Q1, /Q1
V
CC–1.145
V
CC–0.895
V
VOL
Output LOW Voltage
Q0, /Q0, Q1, /Q1
V
CC–1.945
V
CC–1.695
V
VOUT
Output Voltage Swing
Q0, /Q0, Q1, /Q1; see Figure 1a
550
800
mV
VDIFF_OUT
Differiential Output Voltage Swing
Q0, /Q0, Q1, /Q1; see Figure 1b
1100
1600
mV
Note 1.
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation
is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM
RATINGS conditions for extended periods may affect device reliability.
Note 2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
Note 3.
Thermal performance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential on the PCB.
Note 4.
Due to the limited drive capability, use for input of the same package only.
Note 5.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
Note 6.
VIH(min.) not lower than 1.2V.
LVPECL OUTPUT DC ELECTRICAL CHARACTERISTICS(Note 5)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
2.375
3.60
V
ICC
Power Supply Current
Max. V
CC, no load
55
80
mA
VIH
Input HIGH Voltage
IN, /IN, Note 6
V
CC–1.6
V
CC
V
VIL
Input LOW Voltage
IN, /IN
0
V
IH –0.1
V
VIN
Input Voltage Swing
IN, /IN; see Figure 1a
0.1
1.7
V
V
DIFF_IN
Differential Input Voltage Swing
IN,/IN; see Figure 1b
0.2
3.4
V
RIN
In to VT Resistance
40
50
60
Ω
IN to VT
1.28
V
VREF-AC
Output Reference Voltage
V
CC–1.525
V
CC –1.4 VCC–1.325
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com