Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY58012U Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58012U
Description  5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58012U Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58012U Datasheet HTML 1Page - Micrel Semiconductor SY58012U Datasheet HTML 2Page - Micrel Semiconductor SY58012U Datasheet HTML 3Page - Micrel Semiconductor SY58012U Datasheet HTML 4Page - Micrel Semiconductor SY58012U Datasheet HTML 5Page - Micrel Semiconductor SY58012U Datasheet HTML 6Page - Micrel Semiconductor SY58012U Datasheet HTML 7Page - Micrel Semiconductor SY58012U Datasheet HTML 8Page - Micrel Semiconductor SY58012U Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Precision Edge™
SY58012U
Micrel
TYPICAL OPERATING CHARACTERISTICS
VCC = 3.3V, GND = 0, VIN = 100mV, TA = 25°C, unless otherwise stated.
0
1
2
3
4
5
6
7
8
9
10
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Within-Device Skew vs.
Temperature
155
160
165
170
175
180
185
190
0
200
400
600
800
1000
INPUT VOLTAGE SWING (V)
Propagation Delay vs.
Input Voltage Swing
135
140
145
150
155
160
165
170
175
180
185
190
195
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Propagaton Delay vs.
Temperature
0
100
200
300
400
500
600
700
800
FREQUENCY (MHz)
Frequency vs. Amplitude



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com