Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2TC Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 133Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 134Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 135Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 136Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 137Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 138Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 139Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 140Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 308 page
background image
ST7MC1/ST7MC2
137/308
10.6 MOTOR CONTROLLER (MTC)
10.6.1 Introduction
The ST7 Motor Controller (MTC) can be seen as a
Three-Phase Pulse Width Modulator multiplexed
on six output channels and a Back Electromotive
Force (BEMF) zero-crossing detector for sensor-
less control of Permanent Magnet Direct Current
(PM BLDC) brushless motors.
The MTC is particularly suited to driving brushless
motors (either induction or permanent magnet
types) and supports operating modes like:
– Commutation step control with motor voltage
regulation and current limitation
– Commutation step control with motor current
regulation, i.e. direct torque control
– Position Sensor or sensorless motor phase com-
mutation control (six-step mode)
– BEMF zero-crossing detection with high sensitiv-
ity. The integrated phase voltage comparator is
directly referred to the full BEMF voltage without
any attenuation. A BEMF voltage down to
200 mV can be detected, providing high noise
immunity and self-commutated operation in a
large speed range.
– Realtime motor winding demagnetization detec-
tion for fine-tuning the phase voltage masking
time to be applied before BEMF monitoring.
– Automatic and programmable delay between
BEMF zero-crossing detection and motor phase
commutation.
– PWM generation for three-phase sinewave or
three-channel independent PWM signals.
Table 22. MTC Functional Blocks
Section
Page
Input Detection Block
145
Input Pins
145
Sensorless Mode
148
D Event detection
149
Z Event Detection
150
Demagnetization (D) Event
152
Z Event Generation (BEMF Zero Crossing)
154
Protection for ZH event detection
156
Position Sensor Mode
157
Sampling block
158
Commutation Noise Filter
161
Speed Sensor Mode
163
Tachogenerator Mode
163
Encoder Mode
164
Summary
165
Delay Manager
167
Switched Mode
168
Autoswitched Mode
170
Debug Option
171
Checks and Controls for simulated events
174
Speed Measurement Mode
179
Summary
184
PWM Manager
184
Voltage Mode
184
Over Current Handling in Voltage mode
185
Current Mode
185
Current Feedback Comparator
185
Current feedback amplifier
187
Measurement Window
187
Channel Manager
189
MPHST Phase State Register
190
Emergency Feature
190
Dead Time Generator
193
Programmable Chopper
198
PWM Generator Block
199
Main Features
199
Functional Description
200
Prescaler
200
PWM Operating mode
200
Repetition Down-Counter
204
PWM interrupt generation
204
Timer Re-synchronisation
205
PWM generator initialization and start-up
205
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com