Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2TC Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 135Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 136Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 137Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 138Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 139Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 140Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 141Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 142Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 308 page
background image
ST7MC1/ST7MC2
139/308
MOTOR CONTROLLER (Cont’d)
10.6.3 Application Example: PM BLDC motor
drive
This example shows a six-step command se-
quence for a 3-phase permanent magnet DC
brushless motor (PM BLDC motor). Figure 74
shows the phase steps and voltage, while Table
24 shows the relevant phase configurations.
To run this kind of motor efficiently, an autoswitch-
ing mode has to be used, i.e. the position of the ro-
tor must self-generate the powered winding com-
mutation. The BEMF zero crossing (Z event) on
the non-excited winding is used by the MTC as a
rotor position sensor. The delay between this
event and the commutation is computed by the
MTC and the hardware commutation event Cn is
automatically generated after this delay.
After the commutation occurs, the MTC waits until
the winding is completely demagnetized by the
free-wheeling diode: during this phase the winding
is tied to 0V or to the HV high voltage rail and no
BEMF can be read. At the end of this phase a new
BEMF zero-crossing detection is enabled.
The end of demagnetization event (D), is also de-
tected by the MTC or simulated with a timer com-
pare feature when no detection is possible.
The MTC manages these three events always in
the same order: Z generates C after a delay com-
puted in realtime, then waits for D in order to ena-
ble the peripheral to detect another Z event.
The BEMF zero-crossing event (Z), can also be
detected by the MTC or simulated with a timer
compare feature when no detection is possible.
The speed regulation is managed by the micro-
controller, by means of an adjustable reference
current level in case of current control, or by direct
PWM duty-cycle adjustment in case of voltage
control.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com