Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2TC Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 177Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 178Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 179Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 180Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 181Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 182Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 183Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 184Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 308 page
background image
ST7MC1/ST7MC2
181/308
MOTOR CONTROLLER (Cont’d)
Figure 102. Overview of MTIM Timer in Speed Measurement Mode
S
C
§ = Register updated on R event
To interrupt generator
To interrupt generator
S
Compare
Clock
MSbits
clr
C
C
16-bit Up Counter
MTIM§
MTIML§
16-bit Capture Register
MZREG
MZPRV
LSbits
C
MDREG
(16MHz)
ST[3:0] Bits
4
1 / 2Ratio
MZREG < 55h?
MTIM Register = 100h?
+1
-1
Tratio
RPI
RMI
MPRSR Register
IS[1:0] bits
Encoder
Clock
TES[1:0] bits
MPAR* and MPHST*
IS[1:0] TES[1:0]
Registers: MSCR* MPHST* MPAR*
ECM
C
Tacho Capture
MTIM Read access
RTC interrupt
(Capture Event)
(Speed Error Event)
Compare
FFh (Fixed)
16 MHz - 500 Hz
RPI
To interrupt generator
RMI
To interrupt generator
(Ratio Increment Event)
(Ratio Decrement Event)
Bits:
Registers
Notes:
* = Register set-up described in
Speed Sensor Mode Section
(4MHz)
fMTC
fPERIPH
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com