Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2TC Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 179Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 180Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 181Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 182Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 183Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 184Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 185Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 186Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 308 page
background image
ST7MC1/ST7MC2
183/308
MOTOR CONTROLLER (Cont’d)
Three kinds of interrupt can be generated in
Speed Sensor Mode, as summarized in Figure
104:
– C interrupt, when a capture event occurs; this in-
terrupt shares resources (Mask bit and Flag) with
the Commutation event in Switched/Au-
toswitched Mode, as these modes are mutually
exclusive.
– RPI/RMI interrupts occur when the ST[3:0] bits of
the MPSR register are changed, either automat-
ically or by hardware.
– S interrupt occurs when a Speed Error happens
(i.e. a successful comparison between
[MTIM:MTIML] and [MDREG:FF]). This interrupt
has the same channel as the Emergency Stop in-
terrupt (MCES), as it also warns the user about
abnormal system operation. The respective Flag
bits have to be tested in the interrupt service rou-
tine to differentiate Speed Errors from Emergen-
cy Stop events.
These interrupts may be masked individually.
Note on Delay Manager Initialization in Speed
Measurement Mode: In order to set-up the
[MTIM:MTIML] counter properly before any speed
measurement, the following procedure must be
applied:
– The peripheral clock must be disabled (resetting
the CKE bit in the MCRA register) to allow write
access to ST[3:0], MTIM and MTIML (refer to Ta-
ble 41),
– MTIM, MTIML must be reset and appropriate val-
ues must be written in the ST[3:0] prescaler
adapt to the frequency of the signal being meas-
ured and to allow speed measurement with suffi-
cient resolution.
Note on MTIML: The Least Significant Byte of the
counter (MTIML) is not used when working in Po-
sition Sensor or Sensorless Modes.
Debug option: a signal reflecting the capture
events may be output on a standard I/O port for de-
bugging purposes. Refer to section10.6.7.3 on
page 171 for more details.
Figure 104. Prescaler auto-change example
C
C
C
C
C
RPI
RMI
CAPTURE
FFFFh
FAFFh
8000h
5500h
S
EVENTS
USUAL
WORKING
RANGE
C
RPI
S
Events:
Capture
Speed Error
Ratio Increment
RMI Ratio Decrement
Notes:
[MTIM:MTIML]
[MTIM:MTIML] Input Clock:
Fx
Fx / 2
(ST[3:0] = n)
(ST[3:0] = n+1)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com