Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2TC Datasheet(PDF) 186 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 186 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 182Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 183Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 184Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 185Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 186Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 187Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 188Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 189Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 308 page
background image
ST7MC1/ST7MC2
186/308
MOTOR CONTROLLER (Cont’d)
Table 44. Current Window filter Setting
Note: Times are indicated for 4 MHz fPERIPH
The Current Window filter is activated each time
the PWM is turned ON. It blanks the output of the
current comparator during the time set by the
CFW[2:0] bits in the MCFR register. The reset val-
ue is 000b (blanking window off).
The Current feedback filter sets the number of
consecutive valid samples (when current is above
the limit) needed to generate the active CL event
used to turn OFF the PWM. The reset value is 1.
The sampling of the current comparator is done at
fPERIPH/4.
Table 45. Current Feedback Filter Setting
The ON time of the resulting PWM starts at the
end of the measurement window (rising edge),
and ends either at the beginning of the next meas-
urement window (falling edge), or when the cur-
rent level is reached.
Note: Be careful that the current comparator is
OFF until the CKE and/or DAC bits are set in the
MCRA register.
CFW2
CFW1
CFW0
Blanking window length
0
0
0
Blanking window off
0
0
1
0.5 µs
0
1
0
1 µs
0
1
1
1.5 µs
1
0
0
2 µs
1
0
1
2.5 µs
1
1
0
3 µs
1
1
1
3.5 µs
CFF2
CFF1
CFF0
Nb of Feedback Samples
needed to turn OFF PWM
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111
8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com