Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 138Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 139Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 140Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 141Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 142Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 143Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 144Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 145Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 308 page
background image
ST7MC1/ST7MC2
142/308
MOTOR CONTROLLER (Cont’d)
All detections of Zn events are done during a short
measurement window while the high side switch is
turned off. For this reason the PWM signal is ap-
plied on the high side switches.
When the high side switch is off, the high side
winding is tied to 0V by the free-wheeling diode,
the low side winding voltage is also held at 0V by
the low side ON switch and the complete BEMF
voltage is present on the third winding: detection is
then possible.
Table 24. Step Configuration Summary
For a detailed description of the MTC registers,
see Section 10.6.13.
10.6.4 Application Example: AC Induction
Motor Drive
Although the command sequence is rather differ-
ent between a PM BLDC and an AC three-phase
induction motor, the Motor Controller can be con-
figured to generate three-phase sinusoidal voltag-
es.
A timer with three independent PWM channels is
available for this purpose. Based on each of the
PWM reference signal, two complemented PWM
signals with deadtime are generated on the output
pins (6 in total), to drive directly an inverter with tri-
ple half bridge topology.
The variable voltage levels to be applied on the
motor terminals come from continuously varying
duty cycle, from one PWM period to the other (re-
fer to Figure 75 on page 143). The PWM counter
generates a dedicated Update event (U event)
which:
– updates automatically the compare registers set-
ting the duty cycle to avoid time critical issues
and ensure glitchless PWM operation.
– generates a dedicated U interrupt in which the
values for the next coming update event are
loaded in compare preload registers.
The shape of the output voltage (voltage, frequen-
cy, sinewave, trapezoid, ...) is completely man-
aged by the applicative software, in charge of
computing the compare values to be loaded for a
given PWM duty-cycle (refer to Figure 76).
Configuration
Step
Σ
1
Σ
2
Σ
3
Σ
4
Σ
5
Σ
6
Current direction
A to B
A to C
B to C
B to A
C to A
C to B
High side
T0
T0
T2
T2
T4
T4
Low side
T3
T5
T5
T1
T1
T3
OO[5:0] bits in MPHST register
001001
100001
100100
000110
010010
011000
Measurement done on:
MCIC
MCIB
MCIA
MCIC
MCIB
MCIA
IS[1:0] bits in MPHST register
10
01
00
10
01
00
Back EMF shape
Falling
Rising
Falling
Rising
Falling
Rising
CPB bit in MCRB register
(ZVD bit = 0)
010
101
Voltage on measured point at the
start of demagnetization
0V
HV
0V
HV
0V
HV
HDM-SDM bits in MCRB register
10
11
10
11
10
11
PWM side selection to accelerate
demagnetization
Low Side High Side Low Side High Side Low Side High Side
Driver selection to accelerate de-
magnetization
T3
T0
T5
T2
T1
T4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com