Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 139Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 140Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 141Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 142Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 143Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 144Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 145Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 146Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 308 page
background image
ST7MC1/ST7MC2
143/308
MOTOR CONTROLLER (Cont’d)
Finally, the PWM modulated voltage generated by
the power stage is smoothed by the motor induct-
ance to get sinusoidal currents in the stator wind-
ings.
The induction motor being asynchronous, there is
no need to synchronize the rotor position to the
sinewave generation phase in most of the applica-
tions.
Part of the MTC dedicated to delay computation
and event sampling can thus be reconfigured to
perform speed acquisition of the most common
speed sensor, without the need of an additional
standard timer.
This speed measurement timer with clear-on-cap-
ture and clock prescaler auto-setting allows to
keep the CPU load to a minimum level while taking
benefit of the embedded input comparator and
edge detector.
Figure 75. Complementary PWM generation for three-phase induction motor (1 phase represented)
U event
Compare preload
MCP0
register processing
MCPU
PWM generator
counter
PWM Ref
Signal
MCO1
MCO0
Dead time
insertion
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com