Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 144Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 145Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 146Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 147Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 148Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 149Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 150Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 151Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 308 page
background image
ST7MC1/ST7MC2
148/308
MOTOR CONTROLLER (Cont’d)
10.6.6.2 Sensorless Mode
This mode is used to detect BEMF zero crossing
and end of demagnetization events.
The analog phase multiplexer connects the non-
excited motor winding to an analog 100mV hyster-
esis comparator referred to a selectable reference
voltage.
IS[1:0] bits in MPHST register allow to select the
input which will be drive to the comparator (either
MCIA, B or C). Be careful that the comparator is
OFF until CKE and/or DAC bit are set in MCRA
register.
The VR[2:0] bits in the MCRC register select the
reference voltage from seven internal values de-
pending on the noise level and the application volt-
age supply. The reference voltage can also be set
externally through the MCVREF pin when the
VR[2:0] bits are set.
Table 25. Threshold voltage setting
*Typical value for VDD=5V.
BEMF detections are performed during the meas-
urement window, when the excited windings are
free-wheeling through the low side switches and
diodes. At this stage the common star connection
voltage is near to ground voltage (instead of VDD/2
when the excited windings are powered) and the
complete BEMF voltage is present on the non-ex-
cited winding terminal, referred to the ground ter-
minal.
The zero crossing sampling frequency is then de-
fined, in current mode, by the measurement win-
dow generator frequency (SA[3:0] bits in the
MPRSR register) or, in voltage mode, by the PWM
generator frequency and phase U duty cycle.
During a short period after a phase commutation
(C event), the winding where the back-emf will be
read is no longer excited but needs a demagneti-
sation phase during which the BEMF cannot be
read. A demagnetization current goes through the
free-wheeling diodes and the winding voltage is
stuck at the high voltage or to the ground terminal.
For this reason an “end of demagnetization event”
D must be detected on the winding before the de-
tector can sense a BEMF zero crossing.
For the end-of-demagnetization detection, no spe-
cial PWM configuration is needed, the comparator
sensing is done at a selectable frequency (fSCF),
see Table 82.
So, the three events: C (commutation), D (demag-
netization) and Z (BEMF zero crossing) must al-
ways occur in this order in autoswitched mode
when hard commutation is selected.
The comparator output is processed by a detector
that automatically recognizes the D or Z event, de-
pending on the CPB or ZVD edge and level config-
uration bits as described in Table 30.
To avoid wrong detection of D and Z events, a
blanking window filter is implemented for spike fil-
tering. In addition, by means of an event counter,
software can filter several consecutive events up
to a programmed limit before generating the D or Z
event internally. This is shown in Figure 79 and
Figure 80.
VR2
VR1
VR0
Vref voltage threshold
111
Threshold voltage set by
external MCVREF pin
1
1
0
3.5V*
1
0
1
2.5V*
100
2V*
0
1
1
1.5V*
010
1V*
0
0
1
0.6V*
0
0
0
0.2V*
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com