Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 148Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 149Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 150Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 151Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 152Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 153Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 154Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 155Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 308 page
background image
ST7MC1/ST7MC2
152/308
MOTOR CONTROLLER (Cont’d)
10.6.6.5 Demagnetization (D) Event
At the end of the demagnetization phase, current
no longer goes through the free-wheeling diodes.
The voltage on the non-excited winding terminal
goes from one of the power rail voltages to the
common star connection voltage plus the BEMF
voltage. In some cases (if the BEMF voltage is
positive and the free-wheeling diodes are at
ground for example) this end of demagnetization
can be seen as a voltage edge on the selected
MCIx input and it is called a hardware demagneti-
zation event DH. See Table 30.
The D event filter can be used to select the
number of consecutive D events needed to gener-
ate the DH event.
If enabled by the HDM bit in the MCRB register,
the current value of the MTIM timer is captured in
register MDREG when this event occurs in order
to be able to simulate the demagnetization phase
for the next steps.
When enabled by the SDM bit in the MCRB regis-
ter, demagnetization can also be simulated by
comparing the MTIM timer with the MDREG regis-
ter. This kind of demagnetization is called simulat-
ed demagnetization DS.
If the HDM and SDM bits are both set, the first
event that occurs, triggers a demagnetization
event. For this to work correctly, a DS event must
not precede a DH event because the latter could
be detected as a Z event.
Simulated demagnetization can also be always
used if the HDM bit is reset and the SDM bit is set.
This mode works as a programmable masking
time between the CH and Z events. To drive the
motor securely, the masking time must be always
greater than the real demagnetization time in order
to avoid a spurious Z event.
When an event occurs, (either DH or DS) the DI bit
in the MISR register is set and an interrupt request
is generated if the DIM bit of register MIMR is set.
Caution 1: Due to the alternate automatic capture
and compare of the MTIM timer with MDREG reg-
ister by DH and DS events, the MDREG register
should be manipulated with special care.
Caution 2: Due to the event generation protection
in the MZREG, MCOMP and MDREG registers for
Soft Event generation ( See “Built-in Checks and
Controls for simulated events” on page 174.), the
value written in the MDREG register in soft demag-
netisation mode (SDM=1) is checked by hardware
after the C event. If this value is less than or equal
to the MTIM counter value at this moment, the
Software demagnetisation event is generated im-
mediately and the MTIM current value overwrites
the value in the MDREG register to be able to re-
use the right demagnetisation time for another
simulated event generation.
Figure 81. D Event Generation Mechanism
MTIM [8-bit Up Counter] §
DS
MDREG [Dn]
§
Compare
8
DH
DS
HDM bit
D = DH & HDM bit + DS & SDM bit
DH
SDM bit
F(x)
D
§ Register updated on R event
SDM* bit
HDMn bit*
or
1
2
CPBn bit*
C
DS,H
Sample
To Z event detection
* = Preload register, changes taken into account at next C event
To interrupt generator
MCRB Register
MCRB Register
SPLG bit
MCRC
Register
SR bit
MCRA Register
DH
MDFR Register
DEF[3:0]
DWF[3:0]
MDFR Register
DWF[3:0]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com