Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 150Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 151Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 152Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 153Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 154Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 155Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 156Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 157Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 308 page
background image
ST7MC1/ST7MC2
154/308
MOTOR CONTROLLER (Cont’d)
10.6.6.6 Z Event Generation (BEMF Zero
Crossing)
When both C and D events have occurred, the
PWM may be switched to another group of outputs
(depending on the OS[2:0] bits in the MCRB regis-
ter) and the real BEMF zero crossing sampling can
start (see Figure 87). After Z event, the PWM can
also be switched to another group of outputs be-
fore the next C event.
A BEMF voltage is present on the non-powered
terminal but referred to the common star connec-
tion of the motor whose voltage is equal to VDD/2.
When a winding is free-wheeling (during PWM off-
time) its terminal voltage changes to the other
power rail voltage, this means if the PWM is ap-
plied on the high side driver, free-wheeling will be
done through the low side diode and the terminal
will be 0V.
This is used to force the common star connection
to 0V in order to read the BEMF referred to the
ground terminal.
Consequently, BEMF reading (i.e. comparison
with a voltage close to 0V) can only be done when
the PWM is applied on the high side drivers. When
the BEMF signal crosses the threshold voltage
close to zero, it is called a hardware zero-crossing
event ZH. A filter can be implemented on the ZH
event detection (see Figure 83).
The Z event filter register (MZFR) is used to select
the number of consecutive Z events needed to
generate the ZH event. Alternatively, the PZ bit
can be used to enable protection as described in
Figure 83. on page 156
For this reason the MTC outputs can be split in two
groups called LOW and HIGH and the BEMF read-
ing will be done only when PWM is applied on one
of these two groups. The REO bit in the MPOL
register is used to select the group to be used for
BEMF sensing (high side group). It has to be con-
figured whatever the sampling mode.
When enabled by the HZ bit in MCRC register, the
current value of the MTIM timer is captured in reg-
ister MZREG when this event occurs in order to be
able to compute the real delay in the delay manag-
er part for hardware commutation but also to be
able to simulate zero-crossing events for other
steps.
When enabled by the SZ bit set in the MCRC reg-
ister, a zero-crossing event can also be simulated
by comparing the MTIM timer value with the
MZREG register. This kind of zero-crossing event
is called simulated zero-crossing ZS.
If both HZ and SZ bits are set in MCRC register,
the first event that occurs, triggers a zero-crossing
event.
Depending on the edge and level selection (ZVD
and CPB) bits and when PWM is applied on the
correct group, a BEMF zero crossing detection (ei-
ther ZH or ZS) sets the ZI bit in the MISR register
and generates an interrupt if the ZIM bit is set in
the MIMR register.
Caution 1: Due to the alternate automatic capture
and compare of the MTIM timer with MZREG reg-
ister by ZH and ZS events, the MZREG register
should be manipulated with special care.
Caution 2: Due to the event generation protection
in the MZREG, MCOMP and MDREG registers for
Soft Event generation, the value written in the
MZREG register in simuated zero-crossing mode
(SZ=1) is checked by hardware after the D (either
DH or DS) event. If this value is less than or equal
to the MTIM counter value at this moment, the sim-
ulated zero-crossing event is generated immedi-
ately and the MTIM current value overwrites the
value in the MZREG register. See “Built-in Checks
and Controls for simulated events” on page 174.
The Z event also triggers some timer/multiplier op-
erations, for more details see Section 10.6.7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com