Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 161Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 162Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 163Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 164Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 165Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 166Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 167Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 168Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 308 page
background image
ST7MC1/ST7MC2
165/308
MOTOR CONTROLLER (Cont’d)
Note
If only one encoder output is available, it may be
input either on MCIA or MCIB and an encoder
clock signal will still be generated (in this case the
frequency will be 50% less than with two inputs.
The state of EDIR bit will depend on signals
present on MCIA and MCIB pins, the result will be
given by the sampling of MCIA with MCIB falling
edges.
10.6.6.14 Summary
Input Detection block set-up for the different avail-
able modes is summarized in the Table 35.
Table 35. Input Detection Block set-up
Input Detection
Block Mode
Sensor Type
Edge sensitivity
SR
bit
TES[1:0] bits
(Tacho Edge
Selection)
IS[1:0] bits
(Input Selection)
Position Sensor
Hall, Optical,...
Both rising and falling edges
1
00
00
01
10
Sensorless
N/A
N/A
0
00
00
01
10
Speed Sensor
Incremental
Encoder
Both rising and falling edges
(imposed)
x
Any configuration dif-
ferent from 00:
01 10 11
11
Tachogenerator,
Hall, Optical...
Rising edge
01
00
01
10
Falling edge
10
00
01
10
Both rising and falling edges
11
00
01
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com