Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 167 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 163Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 164Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 165Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 166Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 167Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 168Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 169Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 170Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 308 page
background image
ST7MC1/ST7MC2
167/308
MOTOR CONTROLLER (Cont’d)
10.6.7 Delay Manager
Figure 91. Overview of MTIM Timer in Switched and Autoswitched Mode
This part of the MTC contains all the time-related
functions, its architecture is based on an 8-bit shift
left/shift right timer shown in Figure 91. The MTIM
timer includes:
– An auto-updated prescaler
– A capture/compare register for simulated de-
magnetization simulation (MDREG)
– Two cascaded capture and one compare regis-
ters (MZREG and MZPRV) for storing the times
between two consecutive BEMF zero crossings
(ZH events) and for zero-crossing event simula-
tion (ZS)
– An 8x8 bit multiplier for auto computing the next
commutation time
– One compare register for phase commutation
generation (MCOMP)
The MTIM timer module can work in two main
modes when driving synchronous motors in six-
steps mode.
In switched mode the user must process the step
duration and commutation time by software.
In autoswitched mode the commutation action is
performed automatically depending on the rotor
position information and register contents. This is
called the hardware commutation event CH. When
enabled by the SC bit in the MCRC register, com-
mutation can also be simulated by writing a value
directly in the MCOMP register that is compared
with the MTIM value. This is called simulated com-
mutation CS (See “Built-in Checks and Controls for
simulated events” on page 174.).
Both in switched mode and autoswitched mode , if
the SC bit in the MCRC register is set (software
commutation enabled), no comparison between
8-bit Up Counter MTIM §
MZREG [Zn]
§
DS
MDREG [Dn]
§
Compare
ZH
DH
ck
CH,S
DS,H
ZH,S
8
Tratio
SDM* bit
Z
clr
1
0
C
SWA bit
§ = Register updated on R event
To interrupt generator
To interrupt generator
To interrupt generator
MCRA register
MCRB register
Compare
ZS
SZ bit
MCRC register
ZH / ZS
MZPRV [Zn-1]
§
Filter /D
MZFR register
ZWF[3:0]
Filter /C
MDFR register
DWF[3:0]
CH / CS
Compare
MCOMP [Cn+1]
§
SC bit
MCRC register
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com