Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 177 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 173Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 174Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 175Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 176Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 177Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 178Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 179Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 180Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 308 page
background image
ST7MC1/ST7MC2
177/308
MOTOR CONTROLLER (Cont’d)
The Figure 98 gives the step ratio register value
(left axis) and the number of BEMF sampling dur-
ing one electrical step with the corresponding ac-
curacy on the measure (right axis) as a function of
the mechanical frequency.
For a given prescaler value (step ratio register) the
mechanical frequency can vary between two fixed
values shown on the graph as the segment ends.
In autoswitched mode, this register is automatical-
ly incremented/decremented when the step fre-
quency goes out of this segment.
At fMTC=4MHz, the range covered by the Step Ra-
tio mechanism goes from 2.39 to 235000 (pole
pair x rpm) with a minimum accuracy of 1.2% on
the step period.
To read the number of samples for Zn within one
step (right Y axis), select the mechanical frequen-
cy on the X axis and the sampling frequency curve
used for BEMF detection (PWM frequency or
measurement window frequency). For example,
for N.Frpm = 15,000 and a sampling frequency of
15kHz, there are approximately 10 samples in one
step and there is a 10% error rate on the measure-
ment.
Figure 98. Step Ratio Bits decoding and accuracy results and BEMF Sampling Rate
Step Ratio (Decimal)
N.Frpm
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
avg Zn ~ 7Fh ± 0.6%
100%
BEMF
samples
∆Zn/Zn
0%
10%
50%
1
2
4
10
200 Hz
15 kHz
avg Zn ~ FFh ± 0.4%
avg Zn ~ 7Fh ± 0.6%
avg Zn ~ FFh ± 0.4%
avg Zn ~ 55h ± 1.2%
Fn
3.Fn
Fn+1 = 2.Fn
3.Fn+1 = 6.Fn
Fstep = 6.N.Frpm = N.F / 10 ⇔ N.F = 10.Fstep
N: Pole pair number
Fstep: Electrical step frequency
ST[3:0]
avg Zn ~ 55h ± 1.2%
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com