Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 179 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 179 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 175Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 176Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 177Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 178Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 179Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 180Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 181Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 182Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 308 page
background image
ST7MC1/ST7MC2
179/308
MOTOR CONTROLLER (Cont’d)
10.6.7.5 Speed Measurement Mode
Motor speed can be measured using two methods
depending on sensor type: period measurement or
pulse counting. Typical sensor handling is de-
scribed here.
Incremental encoders allows accurate speed
measurement by providing a large number of puls-
es per revolution (ppr) with ppr rates up to several
thousands; the higher the ppr rate, the higher the
resolution. The proposed method consists of
counting the number of clock cycles issued by the
Incremental Encoder Interface (Encoder Clock)
during a fixed time window (refer to Figure 100).
The tachogenerator has a much lower ppr rate
than the encoder (typically factor 10). In this con-
text, it is more meaningful to measure the period
between Tacho Captures (i.e. relevant transitions
of the incoming signals). Accuracy is imposed by
the reference clock, i.e. the CPU clock (refer to
Figure 99).
Figure 99. Tachogenerator period acquisition using MTIM timer
Figure 100. Encoder Clock frequency measure using MTIM timer
C
S
C
C
C
C
C
C
Comparator
Output
Tacho
Capture
Compare
Value
MTIM Counter
Value
Interrupts
Decreasing Speed
S
C
To interrupt generator
To interrupt generator
(Capture Event)
(Speed Error Event)
Encoder
Clock
Capture
(triggered by software
MTIM Counter
Value
C
C
C
C
C
C
C
Interrupts
Decreasing Speed
C
To interrupt generator
(Capture Event)
or Real Time Clock)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com