Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 199 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 199 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 195Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 196Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 197Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 198Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 199Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 200Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 201Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 202Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 308 page
background image
ST7MC1/ST7MC2
199/308
MOTOR CONTROLLER (Cont’d)
10.6.10 PWM Generator Block
The PWM generator block produces three inde-
pendent PWM signals based on a single carrier
frequency with individually adjustable duty cycles.
Depending on the motor driving method, one or
three of these signals may be redirected to the oth-
er functional blocks of the motor control peripheral,
using the PCN bit in the MDTG register.
When driving PM BLDC motors in six-step mode
(voltage mode only, either sensored or sensor-
less) a single PWM signal (Phase U) is used to
supply the Input Stage, PWM and Channel Man-
ager blocks according to the selected modes.
For other kind of motors requiring independent
PWM control for each of the three phases, all
PWM signals (Phases U, V and W) are directed to
the channel manager, in which deadtime or a high
frequency carrier may be added. This is the case
of AC induction motors or PMAC motors for in-
stance, supplied with 120° shifted sinewaves in
voltage mode.
10.6.10.1 Main Features
■ 12-bit PWM free-running Up/Down Counter with
up to 16MHz input clock (Fmtc).
■ Edge-aligned
and
center-aligned
PWM
operating modes
■ Possibility to re-load compare registers twice
per PWM period in center-aligned mode
■ Full-scale PWM generation
■ PWM update interrupt generation
■ 8-bit repetition counter
■ 8-bit PWM mode
■ Timer re-synchronisation feature
Figure 117. PWM generator block diagram
MREP Register
12-bit Compare 0 Register
12-bit PWM Counter
13-bit Compare W Register
Up to 16MHz
CMS bit
13-bit Compare U Register
13-bit Compare V Register
U
U
U
U
Clear or Up/Down
Prescaler
PCP[2:0] bits
U
Reg
U
event:
Update of compare registers
Notes:
Preload registers transferred
to active registers on U event
Fmtc
MPCR Register
MPCR Register
PWM interrupt generation
Repetition
counter
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com