Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 200 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 200 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 196Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 197Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 198Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 199Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 200Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 201Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 202Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 203Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 308 page
background image
ST7MC1/ST7MC2
200/308
MOTOR CONTROLLER (Cont’d)
10.6.10.2 Functional Description
The 3 PWM signals are generated using a free-
running 12-bit PWM Counter and three 13-bit
Compare registers for phase U, V and W: MCM-
PU, MCMPV and MCMPW registers.
A fourth 12-bit register is needed to set-up the
PWM carrier frequency: MCMP0 register.
Each of these compare registers is buffered with a
preload register. Transfer from preload to active
registers is done synchronously with PWM counter
underflow or overflow depending on configuration.
This allows to write compare values without risks
of spurious PWM transitions.
The block diagram of the PWM generator is shown
on Figure 117.
10.6.10.3 Prescaler
The 12-bit PWM Counter clock is supplied through
a 3-bit prescaler to allow the generation of lower
PWM carrier frequencies. It divides Fmtc by 1, 2, 3,
..., 8 to get Fmtc-pwm.
This prescaler is accessed through three bits
PCP[2:0] in MPCR register; this register is buff-
ered: the new value is taken into account after a
PWM update event.
10.6.10.4 PWM Operating mode
The PWM generator can work in center-aligned or
edge-aligned mode depending on the CMS bit set-
ting in the MPCR register.
Figure 118 shows the corresponding counting se-
quence .
It offers also an 8-bit mode to get a full 8-bit range
with a single compare register write access by set-
ting the PMS bit in MPCR register.
The comparisons described here are performed
between the PWM Counter value extended to 13
bits and the 13-bit Compare register. Having a
compare range greater than the counter range is
mandatory to get a full PWM range (i.e. up to
100% modulation). This principle is maintained for
8-bit PWM operations.
■ Center-aligned Mode (CMS bit = 1)
In this operating mode, the PWM Counter counts
up to the value loaded in the 12-bit Compare 0 reg-
ister then counts down until it reaches zero and re-
starts counting up.
The PWM signals are set to ‘0’ when the PWM
Counter reaches, in up-counting, the correspond-
ing 13-bit Compare register value and they are set
to ‘1’ when the PWM Counter reaches the 13-bit
Compare value again in down-counting.
Figure 118. Counting sequence in center-aligned and edge-aligned mode
center-aligned
mode
0
1
2
....1516
15....
2
1
0
1
T
edge-aligned
mode
0
1
2
.....
15
16
0
1
.....
16
0
1
T
T = PWM period, Value of 12-bit Compare 0 Register= 16
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com