Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 207 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 207 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 203Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 204Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 205Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 206Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 207Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 208Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 209Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 210Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 211Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 308 page
background image
ST7MC1/ST7MC2
207/308
MOTOR CONTROLLER (Cont’d)
AN WEIGHT REGISTER (MWGHT)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = AN[7:0]: A Weight Value.
These bits contain the AN weight value for the mul-
tiplier. In autoswitched mode the MCOMP register
is automatically loaded with:
when a Z event occurs.
(*) depending on the DCB bit in the MCRA regis-
ter.
PRESCALER & SAMPLING REGISTER
(MPRSR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:4 = SA[3:0]: Sampling Ratio.
These bits contain the sampling ratio value for cur-
rent mode. Refer to Table 47, “Sampling Frequen-
cy Selection,” on page 188.
Bits 3:0 = ST[3:0]: Step Ratio.
These bits contain the step ratio value. It acts as a
prescaler for the MTIM timer and is auto incre-
mented/decremented with each R+ or R- event.
Refer to Table 40, “Step Frequency/Period Range
(4MHz),” on page 178 and Table 41, “Modes of
Accessing MTIM Timer-Related Registers,” on
page 178.
INTERRUPT MASK REGISTER (MIMR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = PUM: PWM Update Mask bit.
0: PWM Update interrupt disabled
1: PWM Update interrupt enabled
Bit 6 = SEM: Speed Error Mask bit.
0: Speed Error interrupt disabled
1: Speed Error interrupt enabled
Bit 5 = RIM: Ratio update Interrupt Mask bit.
0: Ratio update interrupts (R+ and R-) disabled
1: Ratio update interrupts (R+ and R-) enabled
Bit 4 = CLIM: Current Limitation Interrupt Mask bit.
0: Current Limitation interrupt disabled
1: Current Limitation interrupt enabled
This interrupt is available only in Voltage Mode
(VOC1 bit=0 in MCRA register) and occurs when
the Motor current feedback reaches the external
current limitation value.
Bit 3 = EIM: Emergency stop Interrupt Mask bit.
0: Emergency stop interrupt disabled
1: Emergency stop interrupt enabled
Bit 2 = ZIM: Back EMF Zero-crossing Interrupt
Mask bit.
0: BEMF Zero-crossing Interrupt disabled
1: BEMF Zero-crossing Interrupt enabled
Bit 1 = DIM: End of Demagnetization Interrupt
Mask bit.
0: End of Demagnetization interrupt disabled
1: End of Demagnetization interrupt enabled if the
HDM or SDM bit in the MCRB register is set
Bit 0 = CIM: Commutation / Capture Interrupt
Mask bit
0: Commutation / Capture Interrupt disabled
1: Commutation / Capture Interrupt enabled
76
54
32
10
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
76
54
32
10
SA3
SA2
SA1
SA0
ST3
ST2
ST1
ST0
Zn x MWGHT
256(d)
or
Z
N
-1 x MWGHT
256(d)
(*)
76
54
32
10
PUM
SEM
RIM
CLIM
EIM
ZIM
DIM
CIM
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com