Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 210 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 210 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 206Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 207Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 208Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 209Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 210Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 211Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 212Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 213Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 308 page
background image
ST7MC1/ST7MC2
210/308
MOTOR CONTROLLER (Cont’d)
Effect on PWM generator: the PWM generator
12-bit counter is reset as soon as CKE = 0; this en-
sures that the PWM signals start properly in all
cases. When these bits are set, all registers with
preload on Update event are transferred to active
registers.
Bit 5 = SR: Sensor ON/OFF.
0: Sensorless mode
1: Position Sensor mode
Table 57. Sensor Mode Selection
See also Table 61 and Table 62
Bit 4 = DAC: Direct Access to phase state register.
0: No Direct Access (reset value). In this mode the
preload value of the MPHST and MCRB regis-
ters is taken into account at the C event.
1: Direct Access enabled. In this mode, write a val-
ue in the MPHST register to access the outputs
directly.
Note: In Direct Access Mode (DAC bit is set in
MCRA register), a C event is generated as soon
as there is a write access to the OO[5:0] bits in
MPHST register. In this case, the PWM low/high
selection is done by the OS0 bit in the MCRB
register.
Table 58. DAC Bit Meaning
Bit 3 = V0C1: Voltage/Current Mode
0: Voltage Mode
1: Current Mode
Bit 2 = SWA: Switched/Autoswitched Mode
0: Switched Mode
1: Autoswitched Mode
Note 1 : after reset, in autoswitched mode (SWA
=1) , the motor control peripheral is waiting for a C
commutation event.
Note 2: After reset, a C event is immediately gen-
erated when CKE and SWA are simultaneaously
set due to a nil value of MCOMP.
Bit 1 = PZ: Protection from parasitic Zero-crossing
event detection
0: Protection disabled
1: Protection enabled
Note: If the PZ bit is set, the Z event filter
(ZEF[3:0] in the MZFR register is ignored.
Bit 0 = DCB: Data Capture bit
0: Use MZPRV (ZN-1) for multiplication
1: Use MZREG (ZN) for multiplication
Table 59. Multiplier Result
SR
bit
Mode
OS[2:0]
bits
Behaviour of the output
PWM
0
Sensors
not used
OS[2:0]
bits
enabled
“Between Cn&D” behaviour,
“between D&Z” behaviour
and “between Z&Cn+1” be-
haviour
1
Sensors
used
OS1
disabled
“Between Cn&Z” behaviour
and “between Z&Cn+1” be-
haviour
MOE
bit
DAC
bit
Effect on Output
0x
Reset state depending on the option
bit
10
Standard
running mode.
11
MPHST register value (depending on
MPOL, MPAR register values and
PWM setting) see Table 74
DCB bit
Commutation Delay
0
MCOMP = MWGHT x MZPRV / 256
1
MCOMP = MWGHT x MZREG / 256
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com