Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 213 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 213 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 209Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 210Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 211Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 212Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 213Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 214Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 215Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 216Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 308 page
background image
ST7MC1/ST7MC2
213/308
MOTOR CONTROLLER (Cont’d)
Bits 2:0 = VR[2:0]: BEMF/demagnetisation Refer-
ence threshold
These bits select the Vref value as shown in the
Table 64. The Vref value is used for BEMF and
Demagnetisation detection.
Table 64. Threshold voltage setting
*Typical values for VDD=5V
PHASE STATE REGISTER (MPHST)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:6 = IS[1:0]*: Input Selection bits
These bits mainly select the input to connect to
comparator as shown in Table 65. The fourth con-
figuration (IS[1:0] = 11) specifies that an incremen-
tal encoder is used (in that case MCIA and MCIB
digital signals are directly connected to the incre-
mental encoder interface and the analog multi-
plexer is bypassed.
Table 65. Input Channel Selection
Bits 5:0 =OO[5:0]*: Channel On/Off bits
These bits are used to switch channels on/off at
the next C event if the DAC bit =0 or directly if
DAC=1
0: Channel Off, the relevant switch is OFF, no
PWM possible
1: Channel On the relevant switch is ON, PWM is
possible (not signifiant when PCN or DTE bit is
set).
Table 66. OO[5:0] Bit Meaning
* Preload bits, new value taken into account at
next C event.
Caution: As the MPHST register contains bits with
preload, the whole register has to be written at
once. This means that a Bit Set or Bit Reset in-
struction on only one bit without preload will have
the effect of resetting all the bits with preload.
VR2
VR1
VR0
Vref voltage threshold
111
Threshold voltage set by ex-
ternal MCVREF pin
1
1
0
3.5V*
1
0
1
2.5V*
100
2V*
0
1
1
1.5V*
010
1V*
0
0
1
0.6V*
0
0
0
0.2V*
76
54
32
10
IS1*
IS0*
OO5*
OO4*
OO3*
OO2*
OO1*
OO0*
IS1
IS0
Channel selected
00
MCIA
01
MCIB
10
MCIC
1
1
Both MCIA and MCIB: Encoder Mode
OO[5:0]
Output Channel State
0
Inactive
1Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com