Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5518 Datasheet(PDF) 39 Page - Texas Instruments

Part # TAS5518
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 35Page - Texas Instruments TAS5518 Datasheet HTML 36Page - Texas Instruments TAS5518 Datasheet HTML 37Page - Texas Instruments TAS5518 Datasheet HTML 38Page - Texas Instruments TAS5518 Datasheet HTML 39Page - Texas Instruments TAS5518 Datasheet HTML 40Page - Texas Instruments TAS5518 Datasheet HTML 41Page - Texas Instruments TAS5518 Datasheet HTML 42Page - Texas Instruments TAS5518 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
Introduction
30
SLES115 — August 2004
TAS5518
The interpolator, noise shaper, and PWM sections provide a PWM output with the following features:
•
Up to 8x over sampling.
−
8x at FS = 44.1 kHz, 48 kHz, 32 kHz, 38 kHz
−
4x at FS = 88.2 kHz, 96 kHz
−
2x at FS = 176.4 kHz, 192 kHz
•
5th order noise shaping
•
110-dB dynamic range 0 – 20 kHz (TAS5518 + TAS5182 system measured at speaker terminals)
•
THD < 0.01%
•
Adjustable maximum modulation limit of 93.8% to 99.2%
•
3.3-V digital signal
1.13.1
DC Blocking (High Pass Enable/ Disable)
Each input channel incorporates a first order digital high-pass filter to block potential dc components. The filter
–3 dB point is approximately 0.89-Hz at 44.1-kHz sampling rate. The high-pass filter can be enabled and
disabled via the I2C interface.
1.13.2
De-Emphasis Filter
For audio sources that have been pre-emphasized, a precision 50 µs/15 µs de-emphasis filter is provided to
support the sampling rates of 32 kHz, 44.1 kHz, and 48 kHz. Figure 1−22 shows a graph of the de-emphasis
filtering characteristics. De-emphasis is set using two bits in the system control register.
−10
0
Frequency − kHz
3.18 (50 µs)
10.6 (15 µs)
Figure 1−22. De-emphasis Filter Characteristics
1.13.3
Power Supply Volume Control (PSVC)
The TAS5518 supports volume control by both conventional digital gain / attenuation and by a combination
of digital and analog gain / attenuation. Varying the H-bridge power supply voltage performs the analog volume
control function. The benefits of using powers supply volume control (PSVC) are reduced idle channel noise,
improved signal resolution at low volumes, increased dynamic range, and reduced radio frequency emissions
at reduced power levels. The power supply volume control (PSVC) is enabled via I2C. When enabled the
PSCV provides a PWM output that is filtered to provide a reference voltage for the power supply. The power
supply adjustment range can be set for −12.04, −18.06, or −24.08 dB, to accommodate a range of variable
power supply designs.
Figure 1−23 and Figure 1−24 show how power supply and digital gains can be used together.
The volume biquad (0xCF) can be used to implement a low-pass filter in the digital volume control to match
the PSVC volume transfer function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com