Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5518 Datasheet(PDF) 93 Page - Texas Instruments

Part # TAS5518
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 93 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 89Page - Texas Instruments TAS5518 Datasheet HTML 90Page - Texas Instruments TAS5518 Datasheet HTML 91Page - Texas Instruments TAS5518 Datasheet HTML 92Page - Texas Instruments TAS5518 Datasheet HTML 93Page - Texas Instruments TAS5518 Datasheet HTML 94Page - Texas Instruments TAS5518 Datasheet HTML 95Page - Texas Instruments TAS5518 Datasheet HTML 96Page - Texas Instruments TAS5518 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 102 page
background image
Serial Control Interface Register Definitions
84
SLES115 — August 2004
TAS5518
Table 6−36. Master and Individual Volume Controls
VOLUME INDEX (H)
GAIN/INDEX
EXPECTED
ACTUAL
001
17.75
17.81
17.81
002
17.5
17.56
17.56
003
17.25
17.31
17.31
004
17
17.06
17.06
005
16.75
16.81
16.81
006
16.5
16.56
16.56
007
16.25
16.31
16.31
008
16
16.05
16.05
009
15.75
15.8
15.8
00A
15.5
15.55
15.55
00B
15.25
15.3
15.3
00C
15
15.05
15.05
00D
14.75
14.8
14.8
00E
14.5
14.55
14.55
00F
14.25
14.3
14.3
010
14
14.05
14.05
044
1
1
1
045
0.75
0.75
0.75
046
0.5
0.5
0.5
047
0.25
0.25
0.25
048
0
0
0
049
−0.25
−0.25
−0.25
04A
−0.5
−0.5
−0.5
04B
−0.75
−0.75
−0.75
04C
−1
−1
−1
240
−126
−126.43
−126.43
241
−126.25
−126.68
−126.99
242
−126.5
−126.93
−126.99
243
−126.75
−127.19
−127.59
244
−127
−127.44
−127.59
245
Mute
Mute
Mute
TO
3FF
Mute
Mute
Mute
6.30 Bass Filter Set Register (0xDA)
Bits D31−D27, D23−D19, D15−D11, and D7−D3 are Don’t Care.
Table 6−37. Channel 8 Sub Woofer
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
0
0
0
0
No change
0
0
0
0
0
0
0
1
Bass filter set 1
0
0
0
0
0
0
1
0
Bass filter set 2
0
0
0
0
0
1
1
1
Bass filter set 3
0
0
0
0
0
1
0
0
Bass filter set 4
0
0
0
0
0
1
0
1
Bass filter set 5
0
0
0
0
0
1
1
0
Illegal
0
0
0
0
0
1
1
1
Illegal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com