Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3110 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS3110
Description  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3110 Datasheet(HTML) 1 Page - Texas Instruments

  THS3110 Datasheet HTML 1Page - Texas Instruments THS3110 Datasheet HTML 2Page - Texas Instruments THS3110 Datasheet HTML 3Page - Texas Instruments THS3110 Datasheet HTML 4Page - Texas Instruments THS3110 Datasheet HTML 5Page - Texas Instruments THS3110 Datasheet HTML 6Page - Texas Instruments THS3110 Datasheet HTML 7Page - Texas Instruments THS3110 Datasheet HTML 8Page - Texas Instruments THS3110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
+
−
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
n Lines
VO(1)
VO(n)
75-
Ω Transmission Line
VI
1 k
Ω
−15 V
15 V
DIFFERENTIAL GAIN
vs
NUMBER OF LOADS
VIDEO DISTRIBUTION AMPLIFIER APPLICATION
0
0.05
0.1
0.15
0.2
0.25
0.3
0
1
2
3
4
5
6
7
8
Number of 150
Ω Loads
PAL
NTSC
Gain = 2,
RF = 1 kΩ,
VS = ±15 V,
40 IRE − NTSC and PAL,
Worst Case
±100 IRE Ramp
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
1
2
3
4
5
6
7
8
Number of 150
Ω Loads
PAL
NTSC
Gain = 2,
RF = 1 kΩ,
VS = ±15 V,
40 IRE − NTSC and PAL,
Worst Case
±100 IRE Ramp
DIFFERENTIAL PHASE
vs
NUMBER OF LOADS
1 k
Ω
THS3110, THS3111
SLOS422A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK,
OPERATIONAL AMPLIFIERS
•
Low Noise
The
THS3110
and
THS3111
are
low-noise,
high-voltage, current-feedback amplifiers designed to
– 2 pA/
√Hz Noninverting Current Noise
operate over a wide supply range of
±5 V to ±15 V for
– 10 pA/
√Hz Inverting Current Noise
today's high performance applications.
– 3 nV/
√Hz Voltage Noise
The THS3110 features a power-down pin (PD) that
•
High Output Current Drive: 260 mA
puts the amplifier in low power standby mode, and
•
High Slew Rate: 1300 V/µs (RL = 100 Ω,
lowers the quiescent current from 4.8 mA to 270 µA.
VO = 8 VPP)
These
amplifiers
provide
well-regulated
ac
•
Wide Bandwidth: 90 MHz (G = 2, RL = 100 Ω)
performance
characteristics.
The
unity
gain
•
Wide Supply Range:
±5 V to ±15 V
bandwidth of 100 MHz allows for good distortion
characteristics below 10 MHz. Coupled with high
•
Power-Down Feature: (THS3110 Only)
1300-V/µs slew rate, the THS3110 and THS3111
amplifiers allow for high output voltage swings at high
frequencies.
•
Video Distribution
The THS3110 and THS3111 are offered in a 8-pin
•
Power FET Driver
SOIC (D), and the 8-pin MSOP (DGN) packages with
•
Pin Driver
PowerPAD™.
•
Capacitive Load Driver
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS3110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110 TI-THS3110 Datasheet
1Mb / 37P
LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110 TI1-THS3110 Datasheet
1Mb / 38P
LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110DGN TI-THS3110DGN Datasheet
1Mb / 37P
LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110DGNR TI-THS3110DGNR Datasheet
1Mb / 37P
LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110ID TI-THS3110ID Datasheet
1Mb / 37P
LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
More results

Similar Description - THS3110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120 TI-THS3120 Datasheet
916Kb / 28P
LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com