Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3110 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS3110
Description  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3110 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS3110 Datasheet HTML 17Page - Texas Instruments THS3110 Datasheet HTML 18Page - Texas Instruments THS3110 Datasheet HTML 19Page - Texas Instruments THS3110 Datasheet HTML 20Page - Texas Instruments THS3110 Datasheet HTML 21Page - Texas Instruments THS3110 Datasheet HTML 22Page - Texas Instruments THS3110 Datasheet HTML 23Page - Texas Instruments THS3110 Datasheet HTML 24Page - Texas Instruments THS3110 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
www.ti.com
0.060
0.040
0.075
0.025
0.205
0.010
vias
Pin 1
Top View
0.017
0.035
0.094
0.030
0.013
PowerPAD™ LAYOUT CONSIDERATIONS
POWER DISSIPATION AND THERMAL
THS3110, THS3111
SLOS422A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
a high thermal resistance connection that is
useful for slowing the heat transfer during
soldering operations. This makes the soldering of
vias that have plane connections easier. In this
application, however, low thermal resistance is
desired for the most efficient heat transfer. There-
fore, the holes under the THS3110 / THS3111
PowerPAD package should make their connec-
tion to the internal ground plane with a complete
connection around the entire circumference of the
plated-through hole.
6. The top-side solder mask should leave the ter-
minals of the package and the thermal pad area
with its five holes exposed. The bottom-side
solder mask should cover the five holes of the
thermal pad area. This prevents solder from
being pulled away from the thermal pad area
Figure 56. DGN PowerPAD PCB Etch and Via
during the reflow process.
Pattern
7. Apply solder paste to the exposed thermal pad
area and all of the IC terminals.
8. With these preparatory steps in place, the IC is
simply placed in position and run through the
1. PCB with a top side etch pattern as shown in
solder reflow operation as any standard sur-
Figure 56. There should be etch for the leads as
face-mount component. This results in a part that
well as etch for the thermal pad.
is properly installed.
2. Place five holes in the area of the thermal pad.
These holes should be 10 mils in diameter. Keep
them small so that solder wicking through the
CONSIDERATIONS
holes is not a problem during reflow.
The THS3110 and THS3111 incorporates automatic
3. Additional vias may be placed anywhere along
thermal shutoff protection. This protection circuitry
the thermal plane outside of the thermal pad
shuts down the amplifier if the junction temperature
area. This helps dissipate the heat generated by
exceeds approximately 160
°C. When the junction
the THS3110 / THS3111 IC. These additional
temperature reduces to approximately 140
°C, the
vias may be larger than the 10-mil diameter vias
amplifier turns on again. But, for maximum perform-
directly under the thermal pad. They can be
ance and reliability, the designer must take care to
larger because they are not in the thermal pad
ensure that the design does not exeed a junction
area to be soldered so that wicking is not a
temperature of 125
°C. Between 125°C and 150°C,
problem.
damage does not occur, but the performance of the
4. Connect all holes to the internal ground plane.
amplifier begins to degrade and long term reliability
Note that the PowerPAD is electrically isolated
suffers. The thermal characteristics of the device are
from the silicon and all leads. Connecting the
dictated by the package and the PC board. Maximum
PowerPAD to any potential voltage such as VS-,
power dissipation for a given package can be calcu-
is acceptable as there is no electrical connection
lated using the following formula.
to the silicon.
5. When connecting these holes to the ground
plane, do not use the typical web or spoke via
connection methodology. Web connections have
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com