Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXXP2XX-R Datasheet(PDF) 3 Page - Recom International Power

Part # RXXP2XX-R
Description  EN-61010 for Test, Measurement and Lab Use
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RXXP2XX-R Datasheet(HTML) 3 Page - Recom International Power

  RXXP2XX-R Datasheet HTML 1Page - Recom International Power RXXP2XX-R Datasheet HTML 2Page - Recom International Power RXXP2XX-R Datasheet HTML 3Page - Recom International Power RXXP2XX-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RxxP2xxS_D
/Rx Series
ECONOLINE
DC/DC-Converter
Typical Characteristics
EMC Filter Suggestions for EN55022 Class A and B
RxxP205D/R6.4 and RxxP205D/R8
EN55022 Class A
EN55022 Class B
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
R05P205D/R6.4
R24P205D/R6.4
R12P205D/R6.4
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
R24P205D/R6.4
0.000
5.000
10.000
15.000
20.000
25.000
R05P205D/R6.4
R12P205D/R6.4
REV: 2/2015
www.recom-power.com
E-102
+
Output
Input
C2
C1
C1
C2
RxxP2xx/R6.4
10μF
2n2F 8kV
Vishay HGZ222MBP
RxxP2xx/R8
10μF
2n5F 10kV
Vishay HGZ222MBP
+
+
Output
Input
L1
C3
C2
C1
C1
L1
C2
C3
RxxP2xx/R6.4
10μF
470μH
WE 7447471471
10μF
2n2F 8kV
Vishay HGZ222MBP
RxxP2xx/R8
10μF
470μH
WE 7447471471
10μF
2n5F 10kV
Vishay HGZ222MBP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com