Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXXP2XX-R Datasheet(PDF) 4 Page - Recom International Power

Part # RXXP2XX-R
Description  EN-61010 for Test, Measurement and Lab Use
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RXXP2XX-R Datasheet(HTML) 4 Page - Recom International Power

  RXXP2XX-R Datasheet HTML 1Page - Recom International Power RXXP2XX-R Datasheet HTML 2Page - Recom International Power RXXP2XX-R Datasheet HTML 3Page - Recom International Power RXXP2XX-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
10.16
clearance
Dual Output
0.5
4.1
12.5
0.5
9.8
12
6 7
5
RECOM
R05P205D/R6.4 or
R05P205D/R8
****
RECOM
RxxP2xxD/R6.4 or
RxxP2xxD/R8
****
Single Output
12
7
5
RECOM
RxxP2xxS/R6.4 or
RxxP2xxS/R8
****
2.4
1.9
0.25
19.5
2.54
1.00ø+0.15/–0
2.54
/X2 Single Output
12
6 7
RECOM
RxxP2xxS/X2/R6.4 or
RxxP2xxS/X2/R8
****
2.4
15.24
1.9
0.25
19.5
2.54
1.00ø+0.15/–0
2.54
7.62
clearance
/X2 Top View
/X2 Bottom View
Top View
Bottom View
Recommended Footprint Details
7 PIN SIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
Dual
/X2
1
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
5
–Vout
–Vout
No Pin
6
No Pin
Com
-Vout
7
+Vout
+Vout
+Vout
RxxP2xxS_D
/Rx Series
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 2/2015
E-103
www.recom-power.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com