Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN42 Datasheet(PDF) 14 Page - Microchip Technology

Part # RN42
Description  Class 2 Bluetooth짰 Module with EDR Support
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN42 Datasheet(HTML) 14 Page - Microchip Technology

Back Button RN42 Datasheet HTML 10Page - Microchip Technology RN42 Datasheet HTML 11Page - Microchip Technology RN42 Datasheet HTML 12Page - Microchip Technology RN42 Datasheet HTML 13Page - Microchip Technology RN42 Datasheet HTML 14Page - Microchip Technology RN42 Datasheet HTML 15Page - Microchip Technology RN42 Datasheet HTML 16Page - Microchip Technology RN42 Datasheet HTML 17Page - Microchip Technology RN42 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
RN42/RN42N
DS50002328A-page 14
 2015 Microchip Technology Inc.
3.3
Europe
The RN42 module is an R&TTE Directive assessed
radio module that is CE marked and has been manu-
factured and tested with the intention of being inte-
grated into a final product.
The RN42 module has been tested to R&TTE Directive
1999/5/EC Essential Requirements for Health and
Safety (Article (3.1(a)), Electromagnetic Compatibility
(EMC) (Article 3.1(b)), and Radio (Article 3.2) and are
summarized in Table 3-1: European Compliance Test-
ing. A Notified Body Opinion has also been issued. All
test reports are available on the RN42 product web
page at http://www.microchip.com.
The R&TTE Compliance Association provides guid-
ance on modular devices in document Technical
Guidance Note 01 available at
http://www.rtteca.com/html/download_area.htm.
3.3.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the RN42
module must follow CE marking requirements. The
“R&TTE Compliance Association Technical Guidance
Note 01” provides guidance on final product CE mark-
ing.
3.3.2
ANTENNA REQUIREMENTS
From R&TTE Compliance Association document Tech-
nical Guidance Note 01:
Provided the integrator installing an assessed
radio module with an integral or specific antenna
and installed in conformance with the radio mod-
ule manufacturer’s installation instructions
requires no further evaluation under Article 3.2
of the R&TTE Directive and does not require fur-
ther involvement of an R&TTE Directive Notified
Body for the final product. [Section 2.2.4]
3.3.3
HELPFUL WEB SITES
A document that can be used as a starting point in
understanding the use of Short Range Devices (SRD)
in Europe is the European Radio Communications
Committee (ERC) Recommendation 70-03 E, which
can be downloaded from the European Radio Commu-
nications Office (ERO) at: http://www.ero.dk.
Additional helpful web sites are:
• Radio and Telecommunications Terminal Equip-
ment (R&TTE):
http://ec.europa.eu/enterprise/rtte/index_en.htm
• European Conference of Postal and Telecommu-
nications Administrations (CEPT):
http://www.cept.org
• European Telecommunications Standards Insti-
tute (ETSI):
http://www.etsi.org
• European Radio Communications Office (ERO):
http://www.ero.dk
• The Radio and Telecommunications Terminal
Equipment Compliance Association (R&TTE CA):
http://www.rtteca.com
Note:
To maintain conformance to the testing
listed in Table 3-1, the module shall be
installed in accordance with the installa-
tion instructions in this data sheet and
shall not be modified.
When integrating a radio module into a
completed
product
the
integrator
becomes the manufacturer of the final
product and is therefore responsible for
demonstrating compliance of the final
product with the essential requirements of
the R&TTE Directive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com