Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN42APL Datasheet(PDF) 11 Page - Microchip Technology

Part # RN42APL
Description  Class 2 Bluetooth짰 Module with EDR Support
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN42APL Datasheet(HTML) 11 Page - Microchip Technology

Back Button RN42APL Datasheet HTML 7Page - Microchip Technology RN42APL Datasheet HTML 8Page - Microchip Technology RN42APL Datasheet HTML 9Page - Microchip Technology RN42APL Datasheet HTML 10Page - Microchip Technology RN42APL Datasheet HTML 11Page - Microchip Technology RN42APL Datasheet HTML 12Page - Microchip Technology RN42APL Datasheet HTML 13Page - Microchip Technology RN42APL Datasheet HTML 14Page - Microchip Technology RN42APL Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
 2015 Microchip Technology Inc.
DS50002328A-page 11
RN42/RN42N
2.10
Application Schematic
Figure 2-7 shows an example application circuit. This schematic is for the RN-42-EK development tool. For details on
how to connect RN42/RN42N to a microcontroller, see Section 1.1 “MCU Interface”.
FIGURE 2-7:
EXAMPLE APPLICATION CIRCUIT
TXD
RX D
GND
1
SPI _MOSI
2
PIO6
3
PIO7
4
RESET
5
SPI _SCK
6
PCM_CL K
7
PCM_SYNC
8
PCM_I N
9
PCM_OUT
10
VDD
11
GND
12
UART_RX
13
UART_TX
14
UART_RTS
15
UART_CTS
16
USB_D+
17
USB_D-
18
PIO2
19
PIO3
20
PIO5
21
PIO4
22
SPI _CS#
23
SPI _MI SO
24
M1
RN42 Module
SPI _MI SO
SPI _MOSI
SPI _SCK
SPI _SS
RT S
CT S
RESET _N
PIO6
PIO7
PIO4
PIO5
PIO3
PIO2
1
2
3
4
5
6
J3
SPI MASTER
SPI _MI SO
SPI _MOSI
SPI _SCK
SPI _SS
3.3V
3.3V
PCM_CL K
PCM_SYNC
PCM_OUT
PCM_I N
100k
R17
300k
R18
100k
R16
300k
R15
1
2
3
4
5
6
7
8
9
10
11
12
J1
HEADER 1
1
2
3
4
5
6
7
8
9
10
11
12
J2
HEADER 2
PIO6
PIO7
RESET _N
RX D
TX D
RT S
CT S
PIO4
PIO3
PIO2
PIO11
PIO10
PIO9
PIO8
3.3V
VB1
VB2
SHDN
D_N
D_P
TXD
RXD
RTS
CTS
VBUS
RESET
18
USBDP
14
USBDM
15
CBUS2
10
CBUS1
21
CBUS3
11
CBUS4
9
CBUS0
22
RI
3
DCD
7
DSR
6
DTR
31
CTS
8
RTS
32
RXD
2
TXD
30
OSCI
27
OSCO
28
FT232RQ
U3
100nF
C6
100nF
C5
100nF
C4
GND
5
D+
3
D-
2
VBUS
1
MTAB
6
USB Mini B
J4
3k3
R12
3k3
R13
3k3
R11
3k3
R14
VBUS
3.3V
VBUS
VI N
1
SHDN
3
BYP
4
VOUT
5
U1
TC1185
1uF
C2
1uF
C1
SHDN
3k3
R1
1
2
3
4
S1
3k3
R10
3k3
R9
3k3
R8
3k3
R7
3.3V
PIO4
PIO3
PIO6
PIO7
Red LED
D2
Activity
PIO5
3.3V
PIO8
Green LED
D1
Connection Status
470
R2
470
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com