Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN42APL Datasheet(PDF) 16 Page - Microchip Technology

Part # RN42APL
Description  Class 2 Bluetooth짰 Module with EDR Support
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN42APL Datasheet(HTML) 16 Page - Microchip Technology

Back Button RN42APL Datasheet HTML 12Page - Microchip Technology RN42APL Datasheet HTML 13Page - Microchip Technology RN42APL Datasheet HTML 14Page - Microchip Technology RN42APL Datasheet HTML 15Page - Microchip Technology RN42APL Datasheet HTML 16Page - Microchip Technology RN42APL Datasheet HTML 17Page - Microchip Technology RN42APL Datasheet HTML 18Page - Microchip Technology RN42APL Datasheet HTML 19Page - Microchip Technology RN42APL Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
RN42/RN42N
DS50002328A-page 16
 2015 Microchip Technology Inc.
3.6
Japan
The RN42 module has received type certification and is
labeled with its own technical conformity mark and cer-
tification number as required to conform to the techni-
cal standards regulated by the Ministry of Internal
Affairs and Communications (MIC) of Japan pursuant
to the Radio Act of Japan.
Integration of this module into a final product does not
require additional radio certification provided installa-
tion instructions are followed and no modifications of
the module are allowed. Additional testing may be
required:
• If the host product is subject to electrical appli-
ance safety (for example, powered from an AC
mains), the host product may require Product
Safety Electrical Appliance and Material (PSE)
testing. The integrator should contact their confor-
mance laboratory to determine if this testing is
required.
• There is an voluntary Electromagnetic Compatibil-
ity (EMC) test for the host product administered
by VCCI: http://www.vcci.jp/vcci_e/index.html.
3.6.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the RN42
module must follow Japan marking requirements. The
integrator of the module should refer to the labeling
requirements for Japan available at the Ministry of
Internal Affairs and Communications (MIC) website.
The RN42 module is labeled with its own technical con-
formity mark and certification number. The final product
in which this module is being used must have a label
referring to the type certified module inside:
3.6.2
HELPFUL WEB SITES
Ministry of Internal Affairs and Communications (MIC):
http://www.tele.soumu.go.jp/e/index.htm
Association of Radio Industries and Businesses
(ARIB): http://www.arib.or.jp/english
3.7
Korea
The RN42 module has received certification of confor-
mity in accordance with the Radio Waves Act. Integra-
tion of this module into a final product does not require
additional radio certification provided installation
instructions are followed and no modifications of the
module are allowed.
3.7.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the RN42
module must follow KC marking requirements. The
integrator of the module should refer to the labeling
requirements for Korea available on the Korea Com-
munications Commission (KCC) website.
The RN42 module is labeled with its own KC mark. The
final product requires the KC mark and certificate num-
ber of the module:
3.7.2
HELPFUL WEB SITES
Korea Communications Commission (KCC):
http://www.kcc.go.kr
National Radio Research Agency (RRA):
http://rra.go.kr
3.8
Taiwan
The RN42 module has received compliance approval
in accordance with the Telecommunications Act. Cus-
tomers seeking to use the compliance approval in their
product should contact Microchip Technology sales or
distribution partners to obtain a Letter of Authority.
Integration of this module into a final product does not
require additional radio certification provided installa-
tion instructions are followed and no modifications of
the module are allowed.
3.8.1
LABELING AND USER
INFORMATION REQUIREMENTS
The RN42 module is labeled with its own NCC mark
and certificate number as below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com