Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM-7EP Datasheet(PDF) 3 Page - Copal Electronics

Part # TM-7EP
Description  3 TURNS CERMET TRIMMERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TM-7EP Datasheet(HTML) 3 Page - Copal Electronics

  TM-7EP Datasheet HTML 1Page - Copal Electronics TM-7EP Datasheet HTML 2Page - Copal Electronics TM-7EP Datasheet HTML 3Page - Copal Electronics TM-7EP Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Resistance code & Production date code
Lead-free Identification mark
3 –
0.45
φ
3
1
2
6.9
2.5, Slot 0.6 W
× 0.7 D
φ
72
0.3
2.5
2.5
3 –
0.45
φ
3
1
2
6.9
72
0.3
1.8
1.8
Resistance code & Production date code
2.5, Slot 0.6 W
× 0.7 D
φ
Lead-free Identification mark
Resistance code & Production date code
3 –
0.45
φ
2.5
2.5
3
1
2
7.2
+0.4
–0.1
2.5, Slot 0.6 W
× 0.7 D
φ
Lead-free Identification mark
TM-7
CERMET TRIMMERS
Nominal resistance values (
Ω)
Resistance code
Maximum input voltage (V)
Maximum wiper current (mA)
■ MAXIMUM INPUT RATINGS
50
500
5.00
100
100
101
7.07
70.7
200
201
10.0
50.0
500
501
15.8
31.6
1 k
102
22.4
22.4
2 k
202
31.6
15.8
5 k
502
50.0
10.0
10 k
103
70.7
7.07
20 k
203
100
5.00
50 k
503
158
3.16
100 k
104
224
2.24
200 k
204
300
1.50
500 k
504
300
0.60
1 M
105
300
0.30
2 M
205
300
0.15
O TM-7EP
Top adjustment
O TM-7EW
Top adjustment
O TM-7ES
Side adjustment
★ Pin pitch in W type is
different from P type.
CW rotation
1
2
3
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com