Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM-7EP Datasheet(PDF) 4 Page - Copal Electronics

Part # TM-7EP
Description  3 TURNS CERMET TRIMMERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TM-7EP Datasheet(HTML) 4 Page - Copal Electronics

  TM-7EP Datasheet HTML 1Page - Copal Electronics TM-7EP Datasheet HTML 2Page - Copal Electronics TM-7EP Datasheet HTML 3Page - Copal Electronics TM-7EP Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Resistance code & Production date code
3 –
0.45
φ
2.5
2.5
1
2
3
7.2
+0.4
–0.1
2.5, Slot 0.6 W
× 0.7 D
φ
Lead-free Identification mark
O TM-7EX
Side adjustment
<Bulk pack specifications>
O Unit of bulk in a plastic bag is 50 pcs. per pack.
O Boxing of bulk in a plastic bag is performed with 200
pcs. per box.
■ PACKAGING SPECIFICATIONS
★ Pin position & shaft position of X type are different from S type.
CW rotation
1
2
3
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
TM-7
CERMET TRIMMERS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com