Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2000IPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2000IPWR
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSC2000IPWR Datasheet HTML 3Page - Texas Instruments TSC2000IPWR Datasheet HTML 4Page - Texas Instruments TSC2000IPWR Datasheet HTML 5Page - Texas Instruments TSC2000IPWR Datasheet HTML 6Page - Texas Instruments TSC2000IPWR Datasheet HTML 7Page - Texas Instruments TSC2000IPWR Datasheet HTML 8Page - Texas Instruments TSC2000IPWR Datasheet HTML 9Page - Texas Instruments TSC2000IPWR Datasheet HTML 10Page - Texas Instruments TSC2000IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
www.ti.com
TSC2000
SBAS257
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, +VDD = +2.7V, conversion clock = 2MHz, 12-bit mode. Internal VREF = +2.5V, unless otherwise noted.
900
800
700
600
500
Temperature (
°C)
–60
–40
–20
0
20
40
60
80
100
TEMP2 DIODE VOLTAGE vs TEMPERATURE
TEMP1 DIODE VOLTAGE vs V
DD
3.1
2.5
3.7
2.7
3.3
V
DD (V)
612.0
611.8
611.6
611.4
611.2
611.0
610.8
610.6
610.4
610.2
610.0
3.5
2.9
TEMP2 DIODE VOLTAGE vs V
DD
3.1
2.5
3.7
2.7
3.3
V
DD (V)
740
738
736
734
732
730
728
726
724
722
720
3.5
2.9
DAC OUTPUT CURRENT vs TEMPERATURE
0
–60
100
–40
–20
20
Temperature (
°C)
1
0.95
0.9
0.85
0.8
0.75
0.7
0.65
0.6
40
60
80
DAC MAX CURRENT vs V
DD
3.1
2.5
3.7
2.7
3.3
V
DD (V)
0.91
0.905
0.9
0.895
0.89
0.885
0.88
0.875
3.5
2.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com