Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2000IPWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2000IPWR
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000IPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TSC2000IPWR Datasheet HTML 15Page - Texas Instruments TSC2000IPWR Datasheet HTML 16Page - Texas Instruments TSC2000IPWR Datasheet HTML 17Page - Texas Instruments TSC2000IPWR Datasheet HTML 18Page - Texas Instruments TSC2000IPWR Datasheet HTML 19Page - Texas Instruments TSC2000IPWR Datasheet HTML 20Page - Texas Instruments TSC2000IPWR Datasheet HTML 21Page - Texas Instruments TSC2000IPWR Datasheet HTML 22Page - Texas Instruments TSC2000IPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
19
www.ti.com
TSC2000
SBAS257
FIGURE 8. X- and Y-Coordinate Touch Screen Scan, Initiated by Touch.
Screen
Touch
Issue Interrupt
PENIRQ
Go to Host-Controlled
Conversion
Touch Screen Scan
X and Y
PENIRQ Initiated
Done
Done
No
No
Yes
Yes
Yes
No
No
Yes
Is Data
Averaging Done
Is Screen
Touched
Is Panel Voltage
Stabilization Done
Turn On Drivers: Y+, Y–
Start Clock
Store Y-Coordinates in
Y-Register
Power Down A/D Converter
Power Up A/D Converter
Reset PENIRQ and
Scan Trigger
Turn Off Clock
Convert Y-Coordinates
Is PSM = 1
No
Yes
No
Is Screen
Touched
Is Data
Averaging Done
No
Yes
Yes
Is Panel Voltage
Stabilization Done
Convert X-Coordinates
Turn On Drivers: X+, X–
Power Up A/D Converter
Store X-Coordinates in
X-Register
Reset PENIRQ and
Scan Trigger
Power Down A/D Converter
Turn Off Clock
Issue Data Available
The time needed to get a complete X/Y-coordinate reading
can be calculated by:
(3)
t
2.5 s + 2 t
+ t
+ t
2N
N
1
f
s
COORDINATE
PVS
PRE
SNS
AVG
BITS
CONV
=
(
) +•
+
µ


µ
44
.
where,
tCOORDINATE = time to complete X/Y-coordinate reading
tPVS = Panel Voltage Stabilization time, see Table XII
tPRE = precharge time, see Table XXII
tSNS = sense time, see Table XXIII
NAVG = number of averages, see Table X; for no averag-
ing, NAVG = 1
NBITS = number of bits of resolution, see Table IX
fCONV = A/D converter clock frequency, see Table XI
If the pressure of the touch is also to be measured, the
process will continue in the same way, but measuring the Z1
and Z2 values, and placing them in the Z1 and Z2 registers,
see Figure 9. As before, this process time depends upon the
settings described above. The time for a complete X, Y, Z1,
and Z2 coordinate reading is given by:
(4)
t
4.75 s + 3 t
+ t
+ t
4N
N
1
f
s
COORDINATE
PVS
PRE
SNS
AVG
BITS
CONV
(
) +•
+
µ


44
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com