Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF51 Datasheet(PDF) 2 Page - Hirose Electric

Part # MDF51
Description  High Voltage Board to Cable Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF51 Datasheet(HTML) 2 Page - Hirose Electric

  MDF51 Datasheet HTML 1Page - Hirose Electric MDF51 Datasheet HTML 2Page - Hirose Electric MDF51 Datasheet HTML 3Page - Hirose Electric MDF51 Datasheet HTML 4Page - Hirose Electric MDF51 Datasheet HTML 5Page - Hirose Electric MDF51 Datasheet HTML 6Page - Hirose Electric MDF51 Datasheet HTML 7Page - Hirose Electric MDF51 Datasheet HTML 8Page - Hirose Electric MDF51 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
B323
MDF51 Series
●High Voltage Board to Cable Connectors
■Specifications
Ratings
Current rating
Voltage rating
1 A
3000 V AC/DC
Operating temperature range
-35°C to +85°C (Note 1)
Operating humidity range
RH 20% to 80%
Storage temperature range
-10°C to +60°C (Note 2)
Storage humidity range
RH 40% to 70% (Note 2)
■File and recognition numbers:
UL and C-UL : E52653
TÜV
: R50085755
UL, C-UL
Ratings
Current rating
Voltage rating
1A
1000V AC/DC
TÜV
1A
1000V AC/DC
500 V DC
5000 V AC / 1 minute
20 mV max., at 1 mA .
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
10 cycles, 3 axis
Acceleration of 490 m/s2, 11 ms duration, sine half-wave,
3 cycles in each of the 3 axis
96 hours at of 40 ±2ç, and humidity of 90 to 95%
-55°C
→ 5 to 35°C → 85°C → 5 to 35°C
Times: 30 min.
→ 3 min. → 2 min. to 3 min. → 30 min. → 2 min. to 3 min.
5 cycles
30 cycles
Reflow: At the recommended temperature profile (MDF51SU)
Flow: Solder temperature 260°C, 10 seconds (MDF51K and MDF51SY)
Manual soldering: 380°C for 3 seconds
1000 Mø min.
No flashover or insulation breakdown
20 mø max.
No electrical discontinuity of 1 μs or longer
No damage, cracks or parts dislocation.
No electrical discontinuity of 1 μs or longer
No damage, cracks or parts dislocation.
Contact resistance: 40 mø max.,
Insulation resistance: 500 Mø min.
No damage, cracks or parts dislocation.
Contact resistance: 40 mø max.,
Insulation resistance: 500 Mø min.
No damage, cracks or parts dislocation.
Contact resistance: 40 mø max.
No damage, cracks or parts dislocation.
No deformation of components affecting
performance
1. Insulation resistance
2. Withstanding voltage
3. Contact resistance
4. Vibration
5. Shock
6. Humidity
7. Temperature cycle
8. Durability
9. Resistance to soldering heat
Item
Specification
Conditions
■Materials/Finishes
Note 1. Includes temperature rise caused by current flow.
Note 2. The term "storage" refers to products stored for a long period prior to mounting and use.
The operating temperature and humidity range covers the non-conducting condition of installed connectors in storage, shipment or during
transportation.
Note 3. Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a
specific part number shown.
Part
Material
Finish
Insulator
Contacts
MDF51K
PBT
MDF51SU: Polyamide
MDF51SY: Polyamide
Brass
Color: Black
Color: Beige
Color: Black
Tin plated
Remarks
UL94V-0
-----------------
Part
Material
Finish
Socket Insulator
Crimp contacts
MDF51: Polyamide
MDF51SU: Polyamide
Phosphor bronze
Color: White
Color: Gray
Tin plated
Remarks
UL94V-0
-----------------
●Headers
●Crimp socket
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com