Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF51 Datasheet(PDF) 4 Page - Hirose Electric

Part # MDF51
Description  High Voltage Board to Cable Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF51 Datasheet(HTML) 4 Page - Hirose Electric

  MDF51 Datasheet HTML 1Page - Hirose Electric MDF51 Datasheet HTML 2Page - Hirose Electric MDF51 Datasheet HTML 3Page - Hirose Electric MDF51 Datasheet HTML 4Page - Hirose Electric MDF51 Datasheet HTML 5Page - Hirose Electric MDF51 Datasheet HTML 6Page - Hirose Electric MDF51 Datasheet HTML 7Page - Hirose Electric MDF51 Datasheet HTML 8Page - Hirose Electric MDF51 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
B325
MDF51 Series
●High Voltage Board to Cable Connectors
■Header, MDF51K (Contact pitch 12mm)
●Straight, through hole
●Packaging Specification
340
16.65
P=18
P=18
A
Contact No.1
indicator
t=0.3
16.7
21.5
P=12
12±0.1
0.5
+0.1
0
16.7±0.1
BRecommended PCB mounting pattern
(Thickness: 1.6mm)
All dimensions: mm
Part Number
CL No.
Number of contacts
MDF51K-2P-12DSA(20)
547-2017-9-20
2
Insulator Color
Black
Packaging
150 pieces/ tray
RoHS
YES
Order by number of 150.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com