Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN52APT-I/RM Datasheet(PDF) 1 Page - Microchip Technology

Part # RN52APT-I/RM
Description  Bluetooth Audio Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52APT-I/RM Datasheet(HTML) 1 Page - Microchip Technology

  RN52APT-I/RM Datasheet HTML 1Page - Microchip Technology RN52APT-I/RM Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Fully certified Bluetooth® version 3.0 audio
module, fully compatible with Bluetooth version
2.1+EDR, 1.2, and 1.1
• Software configurable through commands over
UART console interface
• Embedded Bluetooth stack profiles: SPP,
A2DP, HFP/HSP, and AVRCP
• Supports iAP profile discovery for iPhone® and
iPod® Bluetooth accessories
• Available as an A2DP audio source or sink
• Postage-stamp-sized form factor, 13.5 x 26
x 2.7mm
• Dual-channel, differential audio input and
output for highest quality audio
• External audio codecs supported via I2S and
S/PDIF interface
• Castellated SMT pads for easy and reliable
PCB mounting
• Additional support for codecs such as aptX®,
AAC, MP3, and others
• Environmentally friendly, RoHS compliant
• Certifications: FCC, IC, CE
• Bluetooth SIG certified
It integrates RF, a baseband controller, and DSP, making it a complete
Bluetooth audio wireless link. The RN52 supports HSP/HFP, A2DP, AVRCP,
SPP, and iAP profiles and includes support for codecs such as SBC, aptX®,
and AAC. It provides a UART interface, GPIO, stereo speaker outputs, stereo
microphone inputs, and a USB port (see block diagram).
RN52-I/RM
RN52 Bluetooth Audio Module
FullyCertifiedBluetooth®Version3.0Module
Roving Networks’ RN52-I/RM Bluetooth audio module provides an
integrated solution for delivering high-quality stereo audio in a
small form factor. It combines a Class 2 Bluetooth radio with an
embedded DSP processor, controlled and configured by simple
ASCII commands and GPIO.
PRODUCTBRIEF
© 2013 Roving Networks. All rights reserved.
RN52-I/RM-PB v. 1.0r 01/13
APPLICATIONS
• Wireless stereo speakers
and headsets
• Wireless audio docking
station for smartphones
• High-quality, 2-channel
audio streaming
• Smartphone app streaming
• Automotive hands free audio
• Remote control for media player
• Intercom push-to-talk audio connection
FEATURES
iPhone® and iPod® are registered trade marks of Apple, Inc. The aptX® mark and the aptX logo are trade marks of CSR plc or one of its group companies and may be registered in one or more jurisdictions.


Similar Part No. - RN52APT-I/RM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN52 MICROCHIP-RN52 Datasheet
374Kb / 26P
Bluetooth Audio Module
07/14/15
RN52-I/RM MICROCHIP-RN52-I/RM Datasheet
374Kb / 26P
Bluetooth Audio Module
07/14/15
RN52SRC MICROCHIP-RN52SRC Datasheet
374Kb / 26P
Bluetooth Audio Module
07/14/15
More results

Similar Description - RN52APT-I/RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT32I ETC2-WT32I Datasheet
1Mb / 63P
BLUETOOTH AUDIO MODULE
logo
Microchip Technology
RN52 MICROCHIP-RN52 Datasheet
374Kb / 26P
Bluetooth Audio Module
07/14/15
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
Bluetooth Module
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
Bluetooth Module
BTM312 BUDDIES-BTM312 Datasheet
960Kb / 23P
Bluetooth Module
BTM512 BUDDIES-BTM512 Datasheet
990Kb / 23P
Bluetooth Module
logo
Silicon Laboratories
WT32I SILABS-WT32I Datasheet
2Mb / 63P
WT32i BLUETOOTH AUDIO MODULE
Version 1.3.1
logo
Beken Corporation
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
CSR57E6 ETC2-CSR57E6 Datasheet
1Mb / 11P
Bluetooth Stereo Audio Transmitter Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com