Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK3266 Datasheet (PDF) - Beken Corporation

BK3266 Datasheet PDF - Beken Corporation
Part # BK3266
Download  BK3266 Download
File Size   483.15 Kbytes
Page   28 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description Bluetooth Audio SoC

BK3266 Datasheet (PDF)

Go To PDF Page Download Datasheet
BK3266 Datasheet PDF - Beken Corporation

Part # BK3266
Download  BK3266 Click to download

File Size   483.15 Kbytes
Page   28 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description Bluetooth Audio SoC

BK3266 Datasheet (HTML) - Beken Corporation


BK3266 Product details

1.1. Features
 Operation voltage from 2.8 V to 4.2 V
 9 mA average current for A2DP
 300 uA for 500 ms sniff current
 0.8 uA deep sleep current
 Bluetooth 4.2 classic and low energy
 A2DP v1.3, AVRCP v1.6, HFP v1.7, HID v1.1, AVCTP v1.4, AVDTP v1.3, and SPP v1.2
 True wireless stereo and two active link
 Two wires UART download interface
 16 bits stereo ADC and DAC
 Stereo line in and dual microphone
 Five bands digital hardware equalizer
 SPI, UART, I2C, SDIO and USB
 I2S master and slave interface with MCLK output
 Interface for external PA and LNA
 Up to 220 mA battery charge controller




Similar Part No. - BK3266

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
BK32001002 YAGEO-BK32001002 Datasheet
413Kb / 7P
Spark Gap (SPG)
Jul. 04, 2023 V.1
BK32001002-M YAGEO-BK32001002-M Datasheet
428Kb / 6P
Spark Gap (SPG)
Jul. 04, 2023 V.1
BK32001002-M YAGEO-BK32001002-M Datasheet
399Kb / 6P
SPARK GAP PROTECTORS
Jul. 04, 2023 V.1
BK32001102 YAGEO-BK32001102 Datasheet
413Kb / 7P
Spark Gap (SPG)
Jul. 04, 2023 V.1
BK32001102-M YAGEO-BK32001102-M Datasheet
428Kb / 6P
Spark Gap (SPG)
Jul. 04, 2023 V.1
More results


Similar Description - BK3266

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
Digital Audio SoC
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
Low Power Bluetooth Smart SoC with Audio Codec
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
Bluetooth Multimedia SoC
0.5 2016/07/01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com