Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK3254 Datasheet (PDF) - Beken Corporation

BK3254 Datasheet PDF - Beken Corporation
Part # BK3254
Download  BK3254 Download
File Size   422.96 Kbytes
Page   17 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description Bluetooth Multimedia SoC

BK3254 Datasheet (PDF)

Go To PDF Page Download Datasheet
BK3254 Datasheet PDF - Beken Corporation

Part # BK3254
Download  BK3254 Click to download

File Size   422.96 Kbytes
Page   17 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description Bluetooth Multimedia SoC

BK3254 Datasheet (HTML) - Beken Corporation


BK3254 Product details

1.1. Features
 Operation voltage from 2.8 V to 5.2 V
 Bluetooth 4.1 + EDR compliant
 -90 dBm sensitivity for 1 Mbps mode and 5 dBm transmit power
 -107 dBm sensitivity FM receiver
 1-wire or 4-wires SD-card interface
 USB 2.0 host and device
 Integrated 90 dB SNR ADC and stereo DAC
 I2C,SPI and UART interface
 Bluetooth A2DP, AVRCP and HFP profile
 SSOP24, SSOP28, QFN48 , QFN32 package




Similar Part No. - BK3254

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
BK32001002 YAGEO-BK32001002 Datasheet
413Kb / 7P
Spark Gap (SPG)
Jul. 04, 2023 V.1
BK32001002-M YAGEO-BK32001002-M Datasheet
428Kb / 6P
Spark Gap (SPG)
Jul. 04, 2023 V.1
BK32001002-M YAGEO-BK32001002-M Datasheet
399Kb / 6P
SPARK GAP PROTECTORS
Jul. 04, 2023 V.1
BK32001102 YAGEO-BK32001102 Datasheet
413Kb / 7P
Spark Gap (SPG)
Jul. 04, 2023 V.1
BK32001102-M YAGEO-BK32001102-M Datasheet
428Kb / 6P
Spark Gap (SPG)
Jul. 04, 2023 V.1
More results


Similar Description - BK3254

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
Bluetooth SoC for Embedded Wireless Devices
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
Bluetooth HID SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
Generalplus Technology ...
GP31P1003A GENERALPLUS-GP31P1003A Datasheet
409Kb / 6P
Advanced Multimedia Processor SOC Solution
GPCV1002A GENERALPLUS-GPCV1002A Datasheet
393Kb / 6P
Advanced Multimedia Processor SOC Solution
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Beken Corporation
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
Bluetooth Audio SoC
0.5 11/Apr/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com